Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK03328 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03328
Description  Ultra-Low Jitter Clock Generator
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03328 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMK03328 Datasheet HTML 17Page - Texas Instruments LMK03328 Datasheet HTML 18Page - Texas Instruments LMK03328 Datasheet HTML 19Page - Texas Instruments LMK03328 Datasheet HTML 20Page - Texas Instruments LMK03328 Datasheet HTML 21Page - Texas Instruments LMK03328 Datasheet HTML 22Page - Texas Instruments LMK03328 Datasheet HTML 23Page - Texas Instruments LMK03328 Datasheet HTML 24Page - Texas Instruments LMK03328 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 153 page
background image
Frequency (MHz)
80
100
120
140
160
180
200
220
240
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D019
Output Frequency (MHz)
0
200
400
600
800
1000
1.1
1.2
1.3
1.4
1.5
1.6
1.7
D020
Frequency (MHz)
80
100
120
140
160
180
200
220
240
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D017
Frequency (MHz)
80
100
120
140
160
180
200
220
240
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D018
Frequency (MHz)
78.125
109.375
140.625
171.875
203.125
234.375
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D015
Frequency (MHz)
80
100
120
140
160
180
200
220
240
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D016
21
LMK03328
www.ti.com
SNAS668A – AUGUST 2015 – REVISED JANUARY 2016
Product Folder Links: LMK03328
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Performance Characteristics (continued)
Figure 13. 156.25 ± 78.125 MHz HCSL Output Spectrum with
PLL Bandwidth at 1 MHz, Integer N PLL, 50 MHz Crystal
Input, 5 GHz VCO Frequency, Post Divider = 8, Output
Divider = 4
Figure 14. 161.1328125 ± 80.56640625 MHz AC-LVPECL
Output Spectrum with PLL Bandwidth at 400 kHz, Fractional
N PLL, 50 MHz Crystal Input, 5.15625 GHz VCO Frequency,
Post Divider = 8, Output Divider = 4
Figure 15. 161.1328125 ± 80.56640625 MHz AC-LVDS Output
Spectrum with PLL Bandwidth at 400 kHz, Fractional N PLL,
50 MHz Crystal Input, 5.15625 GHz VCO Frequency, Post
Divider = 8, Output Divider = 4
Figure 16. 161.1328125 ± 80.56640625 MHz AC-CML Output
Spectrum with PLL Bandwidth at 400 kHz, Fractional N PLL,
50 MHz Crystal Input, 5.15625 GHz VCO Frequency, Post
Divider = 8, Output Divider = 4
Figure 17. 161.1328125 ± 80.56640625 MHz HCSL Output
Spectrum with PLL Bandwidth at 400 kHz, Fractional N PLL,
50 MHz Crystal Input, 5.15625 GHz VCO Frequency, Post
Divider = 8, Output Divider = 4
Figure 18. AC-LVPECL Differential Output Swing vs
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com