Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR158 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BCR158
Description  PNP Silicon Digital Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR158 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BCR158 Datasheet HTML 1Page - Infineon Technologies AG BCR158 Datasheet HTML 2Page - Infineon Technologies AG BCR158 Datasheet HTML 3Page - Infineon Technologies AG BCR158 Datasheet HTML 4Page - Infineon Technologies AG BCR158 Datasheet HTML 5Page - Infineon Technologies AG BCR158 Datasheet HTML 6Page - Infineon Technologies AG BCR158 Datasheet HTML 7Page - Infineon Technologies AG BCR158 Datasheet HTML 8Page - Infineon Technologies AG BCR158 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
May-18-2004
6
BCR158.../SEMB10
Total power dissipation Ptot = ƒ(TS)
BCR158W
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Total power dissipation Ptot = ƒ(TS)
SEMB10
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
BCR158
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load RthJS = ƒ(tp)
BCR158
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com