Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR158 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR158
Description  PNP Silicon Digital Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR158 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR158 Datasheet HTML 1Page - Infineon Technologies AG BCR158 Datasheet HTML 2Page - Infineon Technologies AG BCR158 Datasheet HTML 3Page - Infineon Technologies AG BCR158 Datasheet HTML 4Page - Infineon Technologies AG BCR158 Datasheet HTML 5Page - Infineon Technologies AG BCR158 Datasheet HTML 6Page - Infineon Technologies AG BCR158 Datasheet HTML 7Page - Infineon Technologies AG BCR158 Datasheet HTML 8Page - Infineon Technologies AG BCR158 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May-18-2004
1
BCR158.../SEMB10
PNP Silicon Digital Transistor
• Switching circuit, inverter, interface circuit,
driver circuit
• Built in bias resistor (R1=2.2kΩ, R2=47kΩ)
• For 6-PIN packages: two (galvanic) internal
isolated transistors with good matching
in one package
BCR158/F/L3
BCR158T/W
SEMB10
EHA07183
3
2
1
C
E
B
R1
R 2
EHA07173
6
54
3
2
1
C1
B2
E2
C2
B1
E1
1
R
R 2
R1
R 2
TR1
TR2
Type
Marking
Pin Configuration
Package
BCR158
BCR158L3
BCR158F
BCR158T
BCR158W
SEMB10
WIs
WI
WIs
WIs
WIs
W5
1=B
1=B
1=B
1=B
1=B
1=E1
2=E
2=E
2=E
2=E
2=E
2=B1
3=C
3=C
3=C
3=C
3=C
3=C2
-
-
-
-
-
4=E2
-
-
-
-
-
5=B2
-
-
-
-
-
6=C1
SOT23
TSFP-3
TSFP-3
SC75
SOT323
SOT666


Similar Part No. - BCR158

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR158 SIEMENS-BCR158 Datasheet
35Kb / 4P
PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
logo
Infineon Technologies A...
BCR158 INFINEON-BCR158 Datasheet
181Kb / 10P
PNP Silicon Digital Transistor
2007-08-27
BCR158 INFINEON-BCR158 Datasheet
842Kb / 8P
PNP Silicon Digital Transistor
2011-08-29
BCR158F INFINEON-BCR158F Datasheet
181Kb / 10P
PNP Silicon Digital Transistor
2007-08-27
logo
Siemens Semiconductor G...
BCR158W SIEMENS-BCR158W Datasheet
34Kb / 4P
PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
More results

Similar Description - BCR158

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
PNP Digital Silicon Transistor
CHDTA115TUPT CHENMKO-CHDTA115TUPT Datasheet
69Kb / 2P
PNP Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com