Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR402 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR402
Description  Light Emitting Diode (LED) Driver IC Provides Constant LED Current Independent of Supply Voltage Variation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR402 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR402 Datasheet HTML 1Page - Infineon Technologies AG BCR402 Datasheet HTML 2Page - Infineon Technologies AG BCR402 Datasheet HTML 3Page - Infineon Technologies AG BCR402 Datasheet HTML 4Page - Infineon Technologies AG BCR402 Datasheet HTML 5Page - Infineon Technologies AG BCR402 Datasheet HTML 6Page - Infineon Technologies AG BCR402 Datasheet HTML 7Page - Infineon Technologies AG BCR402 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AN 066 Rev D
1 / 8
16-Jan-2004
Applications Note No. 066
Silicon Discretes
BCR402R: Light Emitting Diode (LED) Driver IC Provides
Constant LED Current Independent of Supply Voltage Variation
• Supplies stable bias current for Light Emitting Diodes (LEDs)
• Low Voltage Drop of 0.75V maximizes system DC efficiency
• LED drive current adjustable via single external resistor (20 – 60 mA range)
• Negative temperature coefficient protects LEDs against thermal runaway
• Low Cost, Low External Parts Count, Easy-to-Use, Fast Time-To-Market
• Small Surface-Mount SOT143R packaging (2.9 x 1.6 x 1.1 mm inc. leads)
1. Introduction
Light-Emitting Diodes (LEDs) and LED displays
suffer from varying illumination levels as a result
of changes in power supply voltages. This is
true for displays used in automotive applications,
battery-operated handheld devices, or fixed
(architectural) installations.
To keep LED
brightness constant, it is necessary to stabilize
the LED’s current over the anticipated power
supply voltage variation range.
Often a resistor in series with the LED(s) is used
to stabilize current. However, this method has
some serious drawbacks. To achieve good LED
current stability over the varying supply voltage
range, the resistor must take on a large value
(infinite resistance, in the ideal case) to make
the
power
supply
plus
series
resistor
combination approach the traits of an ideal
constant current source having infinite output
impedance.
In such cases, there is a large
voltage drop across this series resistor. For a
particular supply voltage, this voltage drop 1)
reduces the number of LEDs that can be driven
by one resistor, requiring additional parallel
resistors with which to drive a given number of
LEDs,
thereby
increasing
system
current
consumption and 2) power is “burned” or wasted
as heat in these series resistors.
Infineon’s LED driver family, consisting of
the BCR401R, BCR402R, BCR402U and
BCR405U, offers an easy, cost-effective and
reliable way to achieve LED current stabilization
while overcoming the drawbacks inherent in
using a series resistor. These LED driver IC’s
cover the most commonly used LED supply
current ranges – 10mA, 20mA, and 50mA.
Refer to Figures 1 and 2. In each device, the
nominal drive current may be easily adjusted
upward from the nominal value by adding a
single external resistor – for BCR401R / 402R,
connect this resistor between pins 3 and 4.
Figure 1. Infineon LED Current Driver Family
Recommended Current Ranges.
Device
Package
Recommended
Current Range
Maximum
Power
Dissipation
BCR401R SOT143R 10 – 60 mA
330 mW *
BCR402R SOT143R 20 – 60 mA
330 mW *
BCR402U SC74
20 – 65 mA
500 mW **
BCR405U SC74
50 – 65 mA
500 mW **
* Soldering Point Temperature TS = 87 °C
** Soldering Point Temperature TS = 117 °C
For selecting the proper resistor value to
increase BCR402 drive current above the
nominal level of 20mA, refer to Figure 3, which


Similar Part No. - BCR402

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R Datasheet
39Kb / 3P
LED Driver(Supplies stable bias current even at low battery voltage)
Aug-29-2001
BCR402R INFINEON-BCR402R Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR402U INFINEON-BCR402U Datasheet
174Kb / 5P
LED Driver(Supplies stable bias current even at low battery voltage)
Feb-03-2004
BCR402U INFINEON-BCR402U Datasheet
124Kb / 9P
LED Driver
2009-07-31
More results

Similar Description - BCR402

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
Constant current offline LED driver IC
logo
Rohm
BD2808MUV-M ROHM-BD2808MUV-M Datasheet
959Kb / 34P
24ch Constant Current LED Driver IC
logo
Mean Well Enterprises C...
HBG-200 MEANWELL-HBG-200 Datasheet
1Mb / 10P
200W Constant Voltage Constant Current LED Driver
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
25W Constant Voltage Constant Current LED Driver
ELG-300-24A MEANWELL-ELG-300-24A Datasheet
117Kb / 6P
300W Constant Voltage Constant Current LED Driver
HBG-160 MEANWELL-HBG-160_19 Datasheet
2Mb / 9P
160W Constant Voltage Constant Current LED Driver
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
LED constant current driver IC
logo
Mean Well Enterprises C...
ELG-300 MEANWELL-ELG-300 Datasheet
535Kb / 6P
300W Constant Voltage Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7139 HMSEMI-HM7139 Datasheet
370Kb / 8P
High-brightness light-emitting diode (LED) driver IC
logo
Mean Well Enterprises C...
NPF-200 MEANWELL-NPF-200 Datasheet
997Kb / 7P
200W Constant VoltageConstant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com