Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR402U Datasheet (PDF) - Infineon Technologies AG

BCR402U Datasheet PDF - Infineon Technologies AG
Part # BCR402U
Download  BCR402U Download
File Size   174.02 Kbytes
Page   5 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LED Driver(Supplies stable bias current even at low battery voltage)

BCR402U Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR402U Datasheet PDF - Infineon Technologies AG

Part # BCR402U
Download  BCR402U Click to download

File Size   174.02 Kbytes
Page   5 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LED Driver(Supplies stable bias current even at low battery voltage)

BCR402U Datasheet (HTML) - Infineon Technologies AG


BCR402U Product details

General Description

The BCR402U is a cost efficient LED driver to drive low power LED’s. The advantages towards resistor biasing are:

• homogenous light output despite varying forward voltages in different LED strings

• homogenous light output of LED’s despite voltage drop across long supply lines

• homogenous light output independent from supply voltage variations

• longer lifetime of the LED’s due to reduced output current at higher temperatures (negative thermal coefficient) The advantages towards discrete solutions are:

• lower assembly cost

• smaller form factor

• better quality due to less soldering points

• higher output current accuracy due to pretested LED drivers Dimming is possible by using an external digital transistor at the ground pin. The BCR402U can be operated at higher supply voltages by putting LED’s between the power supply +VS and the power supply pin of the LED driver. You can find further details

in the application note AN097.

The BCR402U is a perfect fit for numerous low power LED applications by combining small

form factor with low cost. These LED drivers offer several advantages to resistors like

significantly higher current control at very low voltage drop ensuring high lifetime of LED’s.



Features

• LED drive current of 20mA

• Output current adjustable up to 65mA with external resistor

• Supply voltage up to 40V

• Easy paralleling of drivers to increase current

• Low voltage overhead of 1.4V

• High current accuracy at supply voltage variation

• No EMI

• High power dissipation of 750mW

• Reduced output current at higher temperatures - Negative thermal coefficient of -0.2% / K

• RoHS compliant (pb-free) small and robust SC-74 package

• Qualified according to AEC Q101



Applications

• Channel letters for advertising, LED strips for decorative lighting

• Aircraft, train, ship illumination

• Retrofits for general lighting, white goods like refrigerator lighting

• Medical lighting

• Automotive applications like CHMSL and rear combination lights




Similar Part No. - BCR402U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR402U INFINEON-BCR402U Datasheet
197Kb / 8P
Light Emitting Diode (LED) Driver IC Provides Constant LED Current Independent of Supply Voltage Variation
16-Jan-2004
BCR402U INFINEON-BCR402U Datasheet
124Kb / 9P
LED Driver
2009-07-31
BCR402UE6327 INFINEON-BCR402UE6327 Datasheet
1Mb / 19P
LED Driver
Revision 2.1, 2015-01-28
BCR402UE6327HTSA1 INFINEON-BCR402UE6327HTSA1 Datasheet
1Mb / 19P
LED Driver
Revision 2.1, 2015-01-28
BCR402UE6327 INFINEON-BCR402UE6327_15 Datasheet
1Mb / 19P
LED Driver
Revision 2.1, 2015-01-28
More results


Similar Description - BCR402U

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR400R SIEMENS-BCR400R Datasheet
90Kb / 7P
Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
BCR400W SIEMENS-BCR400W Datasheet
93Kb / 7P
Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
logo
Infineon Technologies A...
BCR401R INFINEON-BCR401R Datasheet
42Kb / 3P
LED Driver(Supplies stable bias current even at low battery voltage)
Aug-29-2001
BCR402R INFINEON-BCR402R Datasheet
39Kb / 3P
LED Driver(Supplies stable bias current even at low battery voltage)
Aug-29-2001
logo
ON Semiconductor
NUD4011 ONSEMI-NUD4011 Datasheet
134Kb / 9P
Low Current LED Driver
June, 2006 ??Rev. 3
logo
Hamamatsu Corporation
C10508 HAMAMATSU-C10508 Datasheet
591Kb / 5P
Variable gain and stable detection even at high gains
C10508-01 HAMAMATSU-C10508-01_15 Datasheet
510Kb / 7P
Variable gain, stable detection even at high gain
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
Very high intensity even at low drive currents
23-Apr-13
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
Very high intensity even at low drive currents
29-Apr-13
logo
Diodes Incorporated
AZV831 DIODES-AZV831 Datasheet
877Kb / 24P
SINGLE/DUAL LOW BIAS CURRENT, LOW VOLTAGE
Rev 1
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com