Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR401R Datasheet (PDF) - Infineon Technologies AG

BCR401R Datasheet PDF - Infineon Technologies AG
Part # BCR401R
Download  BCR401R Download
File Size   42.95 Kbytes
Page   3 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LED Driver(Supplies stable bias current even at low battery voltage)

BCR401R Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR401R Datasheet PDF - Infineon Technologies AG

Part # BCR401R
Download  BCR401R Click to download

File Size   42.95 Kbytes
Page   3 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LED Driver(Supplies stable bias current even at low battery voltage)

BCR401R Datasheet (HTML) - Infineon Technologies AG


BCR401R Product details

General Description
The BCR401R is a cost efficient LED driver to drive low power LED’s.

Features
• LED drive current of 10mA
• Output current adjustable up to 60mA with external resistor
• Supply voltage up to 18V
• Easy paralleling of drivers to increase current
• Low voltage overhead of 1.2V
• High current accuracy at supply voltage variation
• No EMI
• Reduced output current at higher temperatures - negative thermal coefficient of -0.3% / K
• RoHS compliant (pb-free) SOT143R package
• Qualified according AEC Q101

Applications
• Channel letters for advertising, LED strips for decorative lighting
• Aircraft, train, ship illumination
• Retrofits for general lighting, white goods like refrigerator lighting
• Medical lighting




Similar Part No. - BCR401R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR401R INFINEON-BCR401R Datasheet
197Kb / 8P
Light Emitting Diode (LED) Driver IC Provides Constant LED Current Independent of Supply Voltage Variation
16-Jan-2004
BCR401R INFINEON-BCR401R Datasheet
95Kb / 8P
LED Driver
2009-11-13
BCR401R INFINEON-BCR401R_09 Datasheet
95Kb / 8P
LED Driver
2009-11-13
More results


Similar Description - BCR401R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR400R SIEMENS-BCR400R Datasheet
90Kb / 7P
Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
BCR400W SIEMENS-BCR400W Datasheet
93Kb / 7P
Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R Datasheet
39Kb / 3P
LED Driver(Supplies stable bias current even at low battery voltage)
Aug-29-2001
BCR402U INFINEON-BCR402U Datasheet
174Kb / 5P
LED Driver(Supplies stable bias current even at low battery voltage)
Feb-03-2004
logo
ON Semiconductor
NUD4011 ONSEMI-NUD4011 Datasheet
134Kb / 9P
Low Current LED Driver
June, 2006 ??Rev. 3
logo
Hamamatsu Corporation
C10508 HAMAMATSU-C10508 Datasheet
591Kb / 5P
Variable gain and stable detection even at high gains
C10508-01 HAMAMATSU-C10508-01_15 Datasheet
510Kb / 7P
Variable gain, stable detection even at high gain
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
Very high intensity even at low drive currents
23-Apr-13
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
Very high intensity even at low drive currents
29-Apr-13
logo
Diodes Incorporated
AZV831 DIODES-AZV831 Datasheet
877Kb / 24P
SINGLE/DUAL LOW BIAS CURRENT, LOW VOLTAGE
Rev 1
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com