Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR401R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR401R
Description  LED Driver(Supplies stable bias current even at low battery voltage)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR401R Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR401R Datasheet HTML 1Page - Infineon Technologies AG BCR401R Datasheet HTML 2Page - Infineon Technologies AG BCR401R Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BCR401R
Aug-29-2001
1
LED Driver
 Supplies stable bias current even at low battery
voltage
 Low voltage drop of 0.75V
 Ideal for stabilizing bias current of LEDs
 Negative temperature coefficient protects
LEDs against thermal overload
EHA07188
4
3
2
1
Type
Marking
Pin Configuration
Package
BCR401R
W5s
1 = GND
2 = Iout
3 = VS
4 = Rext
SOT143R
Maximum Ratings
Parameter
Symbol
Value
Unit
Source voltage
VS
18
V
Output current
Iout
60
mA
Output voltage
Vout
16
V
Reverse voltage between all terminals
VR
0.5
Total power dissipation, TS = 87 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
190
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCR401R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR401R INFINEON-BCR401R Datasheet
197Kb / 8P
Light Emitting Diode (LED) Driver IC Provides Constant LED Current Independent of Supply Voltage Variation
16-Jan-2004
BCR401R INFINEON-BCR401R Datasheet
95Kb / 8P
LED Driver
2009-11-13
BCR401R INFINEON-BCR401R_09 Datasheet
95Kb / 8P
LED Driver
2009-11-13
More results

Similar Description - BCR401R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR400R SIEMENS-BCR400R Datasheet
90Kb / 7P
Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
BCR400W SIEMENS-BCR400W Datasheet
93Kb / 7P
Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R Datasheet
39Kb / 3P
LED Driver(Supplies stable bias current even at low battery voltage)
Aug-29-2001
BCR402U INFINEON-BCR402U Datasheet
174Kb / 5P
LED Driver(Supplies stable bias current even at low battery voltage)
Feb-03-2004
logo
ON Semiconductor
NUD4011 ONSEMI-NUD4011 Datasheet
134Kb / 9P
Low Current LED Driver
June, 2006 ??Rev. 3
logo
Hamamatsu Corporation
C10508 HAMAMATSU-C10508 Datasheet
591Kb / 5P
Variable gain and stable detection even at high gains
C10508-01 HAMAMATSU-C10508-01_15 Datasheet
510Kb / 7P
Variable gain, stable detection even at high gain
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
Very high intensity even at low drive currents
23-Apr-13
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
Very high intensity even at low drive currents
29-Apr-13
logo
Diodes Incorporated
AZV831 DIODES-AZV831 Datasheet
877Kb / 24P
SINGLE/DUAL LOW BIAS CURRENT, LOW VOLTAGE
Rev 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com