Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154 Datasheet(PDF) 63 Page - Analog Devices

Part # AD9154
Description  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9154 Datasheet HTML 59Page - Analog Devices AD9154 Datasheet HTML 60Page - Analog Devices AD9154 Datasheet HTML 61Page - Analog Devices AD9154 Datasheet HTML 62Page - Analog Devices AD9154 Datasheet HTML 63Page - Analog Devices AD9154 Datasheet HTML 64Page - Analog Devices AD9154 Datasheet HTML 65Page - Analog Devices AD9154 Datasheet HTML 66Page - Analog Devices AD9154 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 124 page
background image
Data Sheet
AD9154
Rev. B | Page 63 of 124
Filter Performance Beyond Specified Bandwidth
The usable pass band of the interpolation filter is specified as
0.4 × fDATA. The filters can be used slightly beyond this ratio at
the expense of increased pass-band ripple and decreased
interpolation image rejection.
Figure 70. Interpolation Filter Performance Beyond Specified Bandwidth
Figure 70 shows the performance of the interpolation filters
beyond 0.4 × fDATA. Note that the ripple increases much slower
than the image rejection decreases. This means that if the
application can tolerate degraded image rejection from the
interpolation filters, more bandwidth can be used.
DIGITAL MODULATION
The AD9154 includes modulation blocks that upconvert I/Q
quadrature signal pairs to an IF frequency in the digital domain.
The coarse modulation modes (fDAC/4 and fDAC/8) upconvert an
I/Q pair of digital signals to one of the selected IFs. The NCO
fine modulation mode upconverts an I/Q signal pair to an IF
frequency programmed into the NCO. Modulation mode is
selected as shown in Table 64 and is paged as described in the
Dual Paging section.
Table 64. Modulation Mode Selection
Modulation Mode
MODULATION_TYPE
Register 0x111, Bits[3:2]
None
0b00
NCO Fine Modulation
0b01
Coarse − f
DAC/4
0b10
Coarse − f
DAC/8
0b11
NCO Fine Modulation
This modulation mode uses the NCO, a phase shifter, and a
complex modulator to upconvert an I/Q digital signal pair to an
IF frequency within the first Nyquist zone of the DAC cores.
Figure 71 shows a block diagram of the NCO modulator. This
allows output signals to be placed anywhere in the output
spectrum with very fine frequency resolution. The NCO
produces a quadrature carrier to translate the input signal to a new
center frequency. A quadrature carrier is a pair of sinusoidal
waveforms of the same frequency, offset 90° from each other.
The frequency of the quadrature carrier is set via an FTW. The
quadrature carrier is mixed with the I and Q data and then
summed into the I and Q datapaths, as shown in Figure 71.
−fDAC/2 ≤ fCARRIER < +fDAC/2
FTW = (fCARRIER/fDAC) × 248
where FTW is a 48-bit twos complement number.
The frequency tuning word is set as shown in Table 65 and
paged as described in the Dual Paging section.
Table 65. NCO FTW Registers
Address
Value
Description
0x114
FTW[7:0]
8 LSBs of FTW
0x115
FTW[15:8]
Next 8 bits of FTW
0x116
FTW[23:16]
Next 8 bits of FTW
0x117
FTW[31:24]
Next 8 bits of FTW
0x118
FTW[39:32]
Next 8 bits of FTW
0x119
FTW[47:40]
8 MSBs of FTW
Unlike other registers, the FTW registers are not updated
immediately upon writing. Instead, the FTW registers update on
the rising edge of FTW_UPDATE_REQ (Register 0x113[0]).
After an update request, FTW_UPDATE_ACK (Register 0x113[1])
must be high to acknowledge that the FTW has updated.
SEL_SIDEBAND (Register 0x111, Bit 1; paged as described in
the Dual Paging section) is a convenience bit that can be set to
use the negative modulation result. This is equivalent to flipping
the sign of FTW.
Figure 71. NCO Modulator Block Diagram
NCO Phase Offset
The NCO phase offset feature allows rotation of the I and Q
phases. Unlike phase adjust, this feature moves the phases of
both I and Q channels together. NCO phase offset can be used
only when using NCO fine modulation.
−180° ≤ DegreesOffset < +180°
PhaseOffset = (DegreesOffset/180°) × 215
where PhaseOffset is a 16-bit twos complement number.
The NCO phase offset is set as shown in Table 66 and paged as
described in the Dual Paging section. Because this function is
90
20
0
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
30
40
50
60
70
80
40
41
42
43
44
45
BANDWIDTH (%
fDATA)
PASS-BAND RIPPLE
IMAGE REJECTION
θ
ω
π
INTERPOLATION
INTERPOLATION
NCO
1
0
–1
COS(ωn + θ)
SIN(ωn + θ)
SINE
I DATA
Q DATA
FTW[47:0]
SPECTRAL
INVERSION
OUT_I
OUT_Q
+
–
NCO PHASE OFFSET
[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com