Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9154
Description  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9154 Datasheet HTML 17Page - Analog Devices AD9154 Datasheet HTML 18Page - Analog Devices AD9154 Datasheet HTML 19Page - Analog Devices AD9154 Datasheet HTML 20Page - Analog Devices AD9154 Datasheet HTML 21Page - Analog Devices AD9154 Datasheet HTML 22Page - Analog Devices AD9154 Datasheet HTML 23Page - Analog Devices AD9154 Datasheet HTML 24Page - Analog Devices AD9154 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
Data Sheet
AD9154
Rev. B | Page 21 of 124
THEORY OF OPERATION
The AD9154 is a 16-bit, quad DAC with a SERDES interface.
Figure 2 shows a detailed functional block diagram of the AD9154.
Eight high speed serial lanes carry data into the AD9154.
The clock for the input data is derived from the device clock (as
called out in the JESD204B specification). This device clock can
be sourced with a phase-locked loop (PLL) reference clock used
by the on-chip PLL to generate a DAC clock or a high fidelity
direct external DAC sampling clock. The device can be configured
to operate in one-, two-, four-, or eight-lane modes, depending on
the required input data rate. The quad DAC can be configured as a
dual link device with each JESD204B link providing data for a dual
DAC pair to add application flexibility.
The signal processing datapath of the AD9154 offers four
interpolation modes (1×, 2×, 4×, and 8×) through three half-
band filters. An inverse sinc filter compensates for DAC output sinc
roll-off. A digital inphase and quadrature modulator upcoverts a
pair of DAC input signals to an IF frequency within the first
Nyquist zone of the DAC programmed into an NCO. Gain, phase,
dc offset, and group delay adjustments can programmably
predistort the DAC input signals to improve LO feedthrough
and unwanted sideband cancellation performance of an analog
quadrature modulator following the AD9154 in a transmitter
signal chain.
The AD9154 DAC cores provide a differential current output
with a nominal full-scale current of 20 mA. The differential
current outputs are optimized for integration with the Analog
Devices ADRF6720-27 wideband quadrature modulator. The
AD9154 has a mechanism for multichip synchronization, as
well as a mechanism for achieving deterministic latency
(latency locking). The latency for each DAC remains constant
from link establishment to link establishment. The AD9154
makes use of the JESD204B Subclass 1 SYSREF signal to
establish multichip synchronization.
The various functional blocks and the data interface must be set
up in a specific sequence for proper operation (see the Device
Setup Guide section). This data sheet describes the various
blocks of the AD9154 in detail, including descriptions of the
JESD204B interface, the control parameters, and the various
registers used to set up and monitor the device. The
recommended start-up routine reliably sets up the data link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com