Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54ACT899 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT899
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT899 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACT899 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 8Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
54ACT899
9-Bit Latchable Transceiver with Parity
Generator/Checker
General Description
The ACT899 is a 9-bit to 9-bit parity transceiver with trans-
parent latches. The device can operate as a feed-through
transceiver or it can generate/check parity from the 8-bit data
busses in either direction. The ACT899 features independent
latch enables for the A-to-B direction and the B-to-A direc-
tion, a select pin for ODD/EVEN parity, and separate error
signal output pins for checking parity.
Features
n Latchable transceiver with output sink of 24 mA
n Option to select generate parity and check or
“feed-through” data/parity in directions A-to-B or B-to-A
n Independent latch enable for A-to-B and B-to-A
directions
n Select pin for ODD/EVEN parity
n ERRA and ERRB output pins for parity checking
n Ability to simultaneously generate and check parity
n May be used in system applications in place of the ’280
n May be used in system applications in place of the ’657
and ’373 (no need to change T/R to check parity)
n 4 kV minimum ESD immunity
n Standard Microcircuit Drawing (SMD) 5962-9314101
Logic Symbol
Connection Diagram
Pin Names
Description
A
0–A7
A Bus Data Inputs/Data Outputs
B
0–B7
B Bus Data Inputs/Data Outputs
APAR, BPAR
A and B Bus Parity Inputs
ODD/EVEN
ODD/EVEN Parity Select, Active LOW
for EVEN Parity
GBA, GAB
Output Enables for A or B Bus, Active
LOW
SEL
Select Pin for Feed-Through or
Generate Mode, LOW for Generate
Mode
LEA, LEB
Latch Enables for A and B Latches,
HIGH for Transparent Mode
ERRA, ERRB
Error Signals for Checking Generated
Parity with Parity In, LOW if Error
Occurs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100245-1
Pin Assignment for LCC
DS100245-2
August 1998
© 1998 National Semiconductor Corporation
DS100245
www.national.com


Similar Part No. - 54ACT899

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
214Kb / 14P
9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899QCQB NSC-54ACT899QCQB Datasheet
214Kb / 14P
9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899QCX NSC-54ACT899QCX Datasheet
214Kb / 14P
9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899QMQB NSC-54ACT899QMQB Datasheet
214Kb / 14P
9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899QMX NSC-54ACT899QMX Datasheet
214Kb / 14P
9-Bit Latchable Transceiver with Parity Generator/Checker
More results

Similar Description - 54ACT899

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
9-Bit Latchable Transceiver with Parity Generator/Checker
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATOR/CHECKER
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
9-bit Latchable Transceiver with Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com