Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54ACT899 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT899
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT899 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54ACT899 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 8Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Functional Description
The ACT899 has three principal modes of operation which
are outlined below. These modes apply to both the A-to-B
and B-to-A directions.
•
Bus A (B) communicates to Bus B (A), parity is generated
and passed on to the B (A) Bus as BPAR (APAR). If LEB
(LEA) is HIGH and the Mode Select (SEL) is LOW, the
parity generated from B[0:7] (A[0:7]) can be checked and
monitored by ERRB (ERRA).
•
Bus A (B) communicates to Bus B (A) in a feed-through
mode if SEL is HIGH. Parity is still generated and
checked as ERRA and ERRB in the feed-through mode
(can be used as an interrupt to signal a data/parity bit er-
ror to the CPU).
•
Independent Latch Enables (LEA and LEB) allow other
permutations of generating/checking (see Function Table
below).
Function Table
Inputs
Operation
GAB
GBA
SEL
LEA
LEB
H
H
X
X
X
Busses A and B are TRI-STATE®.
H
L
L
L
H
Generates parity from B[0:7] based on O/E (Note 1). Generated parity
→ APAR. Generated parity checked against BPAR and output as
ERRB.
H
L
L
H
H
Generates parity from B[0:7] based on O/E. Generated parity →
APAR. Generated parity checked against BPAR and output as ERRB.
Generated parity also fed back through the A latch for generate/check
as ERRA.
H
L
L
X
L
Generates parity from B latch data based on O/E. Generated parity →
APAR. Generated parity checked against latched BPAR and output as
ERRB.
H
L
H
X
H
BPAR/B[0:7] → APAR/A0:7] Feed-through mode. Generated parity
checked against BPAR and output as ERRB.
H
L
H
H
H
BPAR/B[0:7] → APAR/A[0:7]
Feed-through mode. Generated parity checked against BPAR and
output as ERRB. Generated parity also fed back through the A latch
for generate/check as ERRA.
L
HLHL
Generates parity for A[0:7] based on O/E. Generated parity → BPAR.
Generated parity checked against APAR and output as ERRA.
L
H
L
H
H
Generates parity from A[0:7] based on O/E. Generated parity →
BPAR. Generated parity checked against APAR and output as ERRA.
Generated parity also fed back through the B latch for generate/check
as ERRB.
L
H
L
L
X
Generates parity from A latch data based on O/E. Generated parity →
BPAR. Generated parity checked against latched APAR and output as
ERRA.
L
H
H
H
L
APAR/A[0:7] → BPAR/B[0:7]
Feed-through mode. Generated parity checked against APAR and
output as ERRA.
L
HHHH
APAR/A[0:7] → BPAR/B[0:7]
Feed-through mode. Generated parity checked against APAR and
output as ERRA. Generated parity also fed back through the B latch
for generate/check as ERRB.
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Note 1: O/E = ODD/EVEN
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com