Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2230 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2230
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2230 Datasheet HTML 9Page - Analog Devices ADP2230 Datasheet HTML 10Page - Analog Devices ADP2230 Datasheet HTML 11Page - Analog Devices ADP2230 Datasheet HTML 12Page - Analog Devices ADP2230 Datasheet HTML 13Page - Analog Devices ADP2230 Datasheet HTML 14Page - Analog Devices ADP2230 Datasheet HTML 15Page - Analog Devices ADP2230 Datasheet HTML 16Page - Analog Devices ADP2230 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
ADP2230
SYNC PIN CONTROL SCHEMES
There are three possible switching control schemes for the
ADP2230 that can be selected using the SYNC pin: PWM
mode, PSM/PWM automatic transitioning mode, and external
clock synchronization. In PWM mode and PSM/PWM
automatic transitioning mode, the two bucks operate 180° out
of phase. When using the external clock synchronization
control scheme, the two bucks operate in phase.
PWM Mode
When the SYNC pin is fixed high (VSYNC ≥ 1.3 V), the ADP2230
operates in the fixed 2 MHz PWM mode. When operating in
fixed frequency PWM mode, the duty cycle of the integrated
switches is adjusted to regulate the output voltage. The
switching frequency is 2 MHz, typical, over all input, output,
and load conditions.
At the start of each oscillator cycle in PWM, the P-channel
MOSFET switch is turned on, putting a positive voltage across
the inductor. Current in the inductor increases until the current
sense signal crosses the peak inductor current level that turns
off the P-channel MOSFET switch and turns on the N-channel
MOSFET synchronous rectifier. This puts a negative voltage
across the inductor, causing the inductor current to decrease.
The synchronous rectifier stays on until the next clock cycle.
PSM/PWM Automatic Transitioning Mode
When the SYNC pin is fixed low (VSYNC ≤ 0.4 V), the ADP2230
is able to automatically transition between PWM mode and
PSM to maintain the highest efficiency. The ADP2230 operates
in fixed frequency PWM mode for medium to high load
currents. If the load current falls below the PSM/PWM
threshold level, the converter smoothly transitions to the
reduced frequency PSM. The PSM/PWM threshold varies with
the operating conditions. The PSM/PWM transition level for
various operating conditions is shown in Figure 8. The two
buck converters operate independently and can have different
PSM/PWM current thresholds for the same output voltage.
When the device enters PSM, the ADP2230 switches only when
necessary to maintain the output voltage within regulation.
When the output voltage falls below the lower regulation
threshold, the ADP2230 enters PWM mode for a few oscillator
cycles until the output voltage reaches the upper regulation
threshold. When it reaches the upper threshold, the ADP2230
enters sleep mode and waits for the output voltage to fall below
the lower regulation threshold. During the wait time between
the bursts, both power switches are off to minimize quiescent
current, and the output capacitor supplies the entire load
current. Due to the PSM architecture, the output voltage ripple
in this mode is larger than the ripple in the PWM mode of
operation. Figure 29 shows the typical operation in PSM mode.
External Clock Synchronization
When a 1.5 MHz to 2.5 MHz external clock is applied to the
SYNC pin, the ADP2230 automatically detects the rising edge
of the first clock and synchronizes to the external clock. If the
device is synchronized to an external clock, the two bucks
operate in phase, PSM is disabled, and the device is forced to
operate in PWM mode only.
FEATURES DESCRIPTIONS
Precision Enable
The ADP2230 has two enable inputs, EN1 and EN2, that allow
each of the buck outputs to be enabled and shut down inde-
pendently. The enable circuits of the ADP2230 minimize the
input current during shutdown and simultaneously provide
precision enable thresholds. When the enable input voltages are
below 0.4 V, the regulators are in shutdown mode. When both
buck converters are in shutdown mode, the supply current is
0.1 μA (typical). As the enable input voltages rise above the
standby enable threshold of 1.15 V (minimum), the internal
bias currents and voltages are activated, turning on the
precision enable circuitry. This allows the precision enable
circuitry to accurately detect when the ENx pin voltage exceeds
the precision enable rising threshold of 1.2 V (maximum).
Due to device constraints, EN1 and EN2 have different
operating maximums. EN2 has a 6.5 V operating maximum and
can be directly connected to VINx for any application. EN1 has
a 5.5 V operating maximum and cannot be directly connected
to VINx for applications where VIN is greater than 5.5 V.
Connect a resistor divider from VINx to EN1 to reduce the
voltage applied to the EN1 pin to 5.5 V or less.
Quick Output Discharge
The ADP2230 includes an internal, 200 Ω discharge resistor on
the SWx pin that forces the output voltage to zero when the
buck is disabled. This ensures that the output of the buck is
always in a well defined state.
Output Short-Circuit Protection
The ADP2230 includes frequency foldback to prevent output
current runaway on a hard short. When the voltage at the
feedback pin (FBx) falls below 0.3 V, indicating the possibility of
a hard short at the output, the switching frequency is reduced to
half of the internal oscillator frequency. The reduction in the
switching frequency provides more time for the inductor to
discharge, preventing a runaway of output current.
Undervoltage Lockout
To protect against battery discharge, an undervoltage lockout
(UVLO) circuit is incorporated into the ADP2230. When the
input voltage drops below the UVLO threshold, the ADP2230
shuts down, and both power switches and both synchronous
rectifiers turn off. If EN1 and EN2 are logic high, when the
input voltage rises above the UVLO threshold, the soft start
periods are initiated and the two buck converters are enabled.
Rev. A | Page 13 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com