Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5080 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 9Page - Analog Devices ADP5080 Datasheet HTML 10Page - Analog Devices ADP5080 Datasheet HTML 11Page - Analog Devices ADP5080 Datasheet HTML 12Page - Analog Devices ADP5080 Datasheet HTML 13Page - Analog Devices ADP5080 Datasheet HTML 14Page - Analog Devices ADP5080 Datasheet HTML 15Page - Analog Devices ADP5080 Datasheet HTML 16Page - Analog Devices ADP5080 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Data Sheet
ADP5080
Figure 10. Channel 1 Load Regulation
Figure 11. Channel 2 Load Regulation
Figure 12. Channel 3 Load Regulation
Figure 13. Channel 4 Load Regulation
Figure 14. Channel 5 Load Regulation
Figure 15. Channel 6 Load Regulation
1.090
1.095
1.100
1.105
1.110
0.1
1
10
100
1000
VIN = 4.5V
VIN = 7.2V
VIN = 12.6V
OUTPUT CURRENT (mA)
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
0.1
1
10
100
OUTPUT CURRENT (mA)
1000
VIN = 4.5V
VIN = 7.2V
VIN = 12.6V
1.790
1.795
1.800
1.805
1.810
0.1
1
10
100
1000
VIN = 4.5V
VIN = 7.2V
VIN = 12.6V
OUTPUT CURRENT (mA)
3.285
3.290
3.295
3.300
3.305
3.310
3.315
0.1
1
10
100
1000
VIN = 4.5V
VIN = 7.2V
VIN = 12.6V
OUTPUT CURRENT (mA)
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
0.1
1
10
100
1000
VIN = 4.5V
VIN = 7.2V
VIN = 12.6V
OUTPUT CURRENT (mA)
4.980
4.985
4.990
4.995
5.000
5.005
5.010
5.015
5.020
0.1
1
10
100
1000
OUTPUT CURRENT (mA)
VIN = 4.5V
VIN = 7.2V
VIN = 12.6V
Rev. A | Page 13 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com