Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5080 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 17Page - Analog Devices ADP5080 Datasheet HTML 18Page - Analog Devices ADP5080 Datasheet HTML 19Page - Analog Devices ADP5080 Datasheet HTML 20Page - Analog Devices ADP5080 Datasheet HTML 21Page - Analog Devices ADP5080 Datasheet HTML 22Page - Analog Devices ADP5080 Datasheet HTML 23Page - Analog Devices ADP5080 Datasheet HTML 24Page - Analog Devices ADP5080 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Data Sheet
ADP5080
LDO2
LDO2 regulates the internally routed VREG2 pin voltage to 3 V,
3.15 V, 3.2 V, or 3.3 V and is capable of providing up to
300 mA. LDO2 internally supplies the control block of the
ADP5080, as well as external circuits supplied through the
VREG2 pin.
The LDO2 output is enabled when the VBATT pin voltage rises
above the UVLO threshold and is disabled when the VBATT
pin voltage falls below the UVLO threshold.
VISW2 Input
A 3.0 V to 3.3 V regulator connected to the VISW2 pin can take
over from LDO2 to supply the internal circuit of the ADP5080 and
the VREG2 load. To enable this feature, set the SEL_INP_LDO2
bit (Bit 4 in Register 33) high after the VISW2 pin voltage settles
above 2.7 V.
If the VISW2 pin voltage falls below 2.55 V, LDO2 resumes
control automatically. However, if the VISW2 source is disabled,
it is recommended that the SEL_INP_LDO2 bit be reset to 0
before turning off the VISW2 pin source.
The use of an external regulator connected to the VISW2 pin is
intended to achieve better system power efficiency by allowing
a switching power supply to take over the LDO2 linear regulator
when the system is powered up to operation. If the VISW2 input
is not used, tie it to GND. The VISW2 input is not active until
EN is high.
Because the VISW2 input supplies VREG2 with no regulation,
the maximum voltage that can be applied to VISW2 is 3.3 V. The
VISW2 input has a relatively high resistance compared to the
LDO2 path. As a result, VISW2 regulation may not be sufficient
when used to supply heavier loads.
Current Limit for LDO2
LDO2 is rated to a maximum load current of 300 mA. Above
this level, the current-limit feature limits the current to protect
the device.
The VISW2 input has an independent current-limit circuit with
a typical threshold of 300 mA. If this overcurrent threshold is
exceeded, the VISW2 input is immediately disconnected and
LDO2 takes over to supply the VREG2 current. After the VISW2
input is turned off due to a current-limit event, it can be reset
only by toggling the EN pin.
Discharge Switch for LDO2
A discharge switch at the VREG2 pin turns on during low
VBATT pin voltage (3.5 V ± 0.1 V hysteresis), removing the
residual charge of the external capacitor via a 12 Ω resistor.
Figure 37. VREG2, LDO2, and VISW2
CURRENT
DETECTION
VISW2
VREG2
AGND
FROM VREG1
OUTPUT
5.0V TO 5.5V
LDO2
VREF
OVERCURRENT
PROTECTION
DISCHARGE
SWITCH
TO
INTERNAL
CIRCUITS
3.0V TO 3.3V
3.0V TO 3.3V
VOLTAGE
DETECTION
OVERCURRENT
PROTECTION
Rev. A | Page 21 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com