Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5300ACPZ-1-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5300ACPZ-1-R7
Description  50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5300ACPZ-1-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5300ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
ADP5300
Rev. 0 | Page 15 of 21
UNDERVOLTAGE LOCKOUT (UVLO)
The undervoltage lockout circuitry monitors the input voltage
level on the PVIN pin. If the input voltage falls below 2.00 V
(typical), the regulator turns off. After the input voltage rises
above 2.06 V (typical), the soft start period initiates, and when
the EN pin is high, the regulator enables.
ENABLE/DISABLE
The ADP5300 includes a separate enable (EN) pin. A logic high
on the EN pin starts the regulator. Due to the low quiescent current
design, it is typical for the regulator to start switching after a
delay of a few milliseconds from the EN pin being pulled high.
A logic low on the EN pin immediately disables the regulator
and brings the regulator into extremely low current consumption.
CURRENT LIMIT
The buck regulators in the ADP5300 have protection circuitry
that limits the direction and the amount of current to a certain
level that flows through the high-side MOSFET and the low-
side MOSFET in cycle-by-cycle mode. The positive current
limit on the high-side MOSFET limits the amount of current
that can flow from the input to the output. The negative current
limit on the low-side MOSFET prevents the inductor current
from reversing direction and flowing out of the load.
SHORT-CIRCUIT PROTECTION
The buck regulators in the ADP5300 include frequency foldback to
prevent current runaway on a hard short. When the output voltage
at the feedback (FB) pin falls below 0.3 V typical, indicating the
possibility of a hard short at the output, the switching frequency
(in PWM mode) is reduced to one-fourth of the internal
oscillator frequency. The reduction in the switching frequency
allows more time for the inductor to discharge, preventing a
runaway of output current.
SOFT START
The ADP5300 has an internal soft start function that ramps up
the output voltage in a controlled manner upon startup, thereby
limiting the inrush current. This feature prevents possible input
voltage drops when a battery or a high impedance power source
is connected to the input of the device. The default typical soft
start time is 350 µs for the regulator.
A different soft start time (2800 µs) can be programmed for
ADP5300 by the factory fuse.
STARTUP WITH PRECHARGED OUTPUT
The buck regulators in the ADP5300 include a precharged start-up
feature to protect the low-side MOSFET from damage during
startup. If the output voltage is precharged before the regulator
turns on, the regulator prevents reverse inductor current, which
discharges the output capacitor, until the internal soft start
reference voltage exceeds the precharged voltage on the FB pin.
100% DUTY OPERATION
When the input voltage approaches the output voltage, the
ADP5300 stops switching and enters 100% duty cycle operation. It
connects the output via the inductor and the internal high-side
power switch to the input. When the input voltage is charged
again and the required duty cycle falls to 95% typical, the buck
immediately restarts switching and regulation without allowing
overshoot on the output voltage. In hysteresis mode, the ADP5300
draws an ultralow quiescent current of only 570 nA typical
during 100% duty cycle operation.
ACTIVE DISCHARGE
The regulator in the ADP5300 integrates an optional, factory
programmable discharge switch from the switching node to
ground. This switch turns on when its associated regulator is
disabled, which helps discharge the output capacitor quickly.
The typical value of the discharge switch is 290 Ω for the
regulator.
By default, the discharge function is not enabled. The factory
fuse can enable the active discharge function.
VOUTOK FUNCTION
The ADP5300 includes an open-drain, power-good output
(VOUTOK pin) that is active high when the buck regulator
operates normally. By default, the VOUTOK pin monitors the
output voltage. A logic high on the VOUTOK pin indicates that
the regulated output voltage of the buck regulator is above 90%
(typical) of its nominal output. When the regulated output voltage
of the buck regulator falls below 87% (typical) of its nominal
output for a delay time greater than approximately 10 µs, the
VOUTOK pin goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com