Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5300ACPZ-1-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5300ACPZ-1-R7
Description  50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5300ACPZ-1-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5300ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5300ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
ADP5300
Rev. 0 | Page 17 of 21
APPLICATIONS INFORMATION
This section describes the external components selection for the
ADP5300. The typical application circuit is shown in Figure 41.
2.2µH
SW
PGND
FB
10µF
MLCC
10µF
MLCC
VOUT = 1.8V
PVIN
EN
VID
VIN = 2.15V TO 6.50V
ADP5300
VOUTOK
EPAD
SYNC/MODE
STOP
AGND
R2
1MΩ
R1
19.6kΩ
Figure 41. Typical Application Circuit
EXTERNAL COMPONENT SELECTION
The ADP5300 is optimized for operation with a 2.2 μH
inductor and 10 μF output capacitors for various output
voltages using the closed-loop compensation and adaptive slope
compensation circuits. The selection of components depends
on the efficiency, the load current transient, and other application
requirements. The trade-offs among performance parameters,
such as efficiency and transient response, are made by varying
the choice of external components.
SELECTING THE INDUCTOR
The high switching frequency of the ADP5300 allows the use of
small surface-mount power inductors. The dc resistance (DCR)
value of the selected inductor affects efficiency. In addition, it is
recommended to select a multilayer inductor rather than a
magnetic iron inductor because the high switching frequency
increases the core temperature rise and enlarges the core loss.
A minimum requirement of the dc current rating of the inductor
is for it to be equal to the maximum load current plus half of the
inductor current ripple (ΔIL), as shown by the following equations:
SW
IN
OUT
OUT
L
f
L
V
V
V
ΔI
1
2
L
LOAD(MAX)
PK
ΔI
I
I
Use the inductor series from the different vendors shown in Table 6.
OUTPUT CAPACITOR
Output capacitance is required to minimize the voltage overshoot,
the voltage undershoot, and the ripple voltage present on the
output. Capacitors with low equivalent series resistance (ESR)
values produce the lowest output ripple. Furthermore, use
capacitors such as X5R and X7R dielectric capacitors. Do not
use Y5V and Z5U capacitors, because they are unsuitable
choices due to their large capacitance variation over temperature
and their dc bias voltage changes. Because ESR is important,
select the capacitor using the following equation:
L
RIPPLE
COUT
I
V
ESR
where:
ESRCOUT
is the ESR of the chosen capacitor.
VRIPPLE
is the peak-to-peak output voltage ripple.
Increasing the output capacitor value has no effect on stability
and may reduce output ripple and enhance load transient response.
When choosing the output capacitor value, it is important to
account for the loss of capacitance due to output voltage dc bias.
Use the capacitor series from the different vendors shown in Table 7.
Table 6. Recommended Inductors
Vendor
Model
Inductance (μH)
Dimensions (mm)
DCR (mΩ)
ISAT1 (A)
TDK
MLP2016V2R2MT0S1
2.2
2.0 × 1.6 × 0.85
280
1.0
Wurth
74479889222
2.2
2.5 × 2.0 × 1.2
250
1.7
Coilcraft
LPS3314-222MR
2.2
3.3 × 3.3 × 1.3
100
1.5
1 ISAT is the dc current at which the inductance drops 30% (typical) from its value without current.
Table 7. Input and Output Capacitors
Vendor
Model
Capacitance (μF)
Size
Murata
GRM188D71A106MA73
10
0603
Murata
GRM21BR71A106KE51
10
0805
Murata
GRM31CR71A106KA01
10
1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com