Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A165E-R-24D-01 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # A165E-R-24D-01
Description  Separate Construction with Smallest Class of Depth in the World
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165E-R-24D-01 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button A165E-R-24D-01 Datasheet HTML 4Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 5Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 6Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 7Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 8Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 9Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 10Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 11Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
A165E
Installation
Mounting to the Panel (Models with Separate Construction)
After installing the Operation Unit, snap in the Switch from the back of the panel.
(1) Installing the Operation Unit
(2) Mounting the Switch
(3) Removing the Switch
• Snap on the Switch to the Operation Unit.
• Make sure that the Switch has the correct orientation when snapping it onto the
Operation Unit.
• Align the white dot on the Operation Unit with the guide groove on the side of
the Switch marked with an “L” as shown below, and push the Switch into the
Operation Unit until it clicks into place. Confirm that the Switch is securely in
place before using.
• Insert the prongs of the A16Z-5080 Extractor between the Switch and the
Operation Unit, grip the Switch, and pull to remove.
(4) Installing the LED Lamp
• When mounting the Lamp, make sure it is facing the direction shown in the
following diagram. Insert the Lamp while matching the protruding part of the
Lamp and the small guides on the outer surface of the switch.
Panel
Mounting nut
Lock ring (included
with the product)
Rubber packing (included with the product)
or Yellow Plate (sold separately)
Edge
Lock
Cutout
Panel
Mounting nut (included
with the product)
Lock hole
Lock ring (included
with the product)
Rubber packing
(included with the
product) or Yellow
Plate (sold separately)
• Attach rubber packing or the
Yellow Plate onto the Operation
Unit from its terminal side. Insert
the Operation Unit into the panel
from the front. Install the lock ring
and mounting nut from the
terminal side and tighten.
• Adjust the slits on the hole of
rubber packing and Yellow Plate
to the protruding part of the Unit.
• Rubber packing is not necessary
when the Yellow Plate is used.
• Tighten the nut to the torque of
0.29 to 0.49 N·m.
• The Operation Unit should be
installed with its
protruding part adjusted to the slit
of the panel hole.
• Align the lock ring to the groove of
the Operation Unit so that the
edge is drawn to the panel side.
White dot
Guide groove
L marking
Extractor (A16Z-5080)
Narrow guide
Protruding part
Wide guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com