Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A165E-R-24D-01 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A165E-R-24D-01
Description  Separate Construction with Smallest Class of Depth in the World
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165E-R-24D-01 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A165E-R-24D-01 Datasheet HTML 1Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 2Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 3Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 4Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 5Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 6Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 7Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 8Page - Omron Electronics LLC A165E-R-24D-01 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
A165E
Ordering Information
List of Sets
List of Sets (in Different Colors)
* Models with yellow or gray pushbutton colors cannot be used as emergency switches.
Individual Parts (for Switches with Separate Construction)
Operation Units
Lamps
Switches
Switch Units
Illumination
Rated voltage
Pushbutton color
Pushbutton size
Terminal
Contact form
Model
LED
24 VAC/VDC
Red
30 dia.
Solder terminal
SPST-NC
A165E-LS-24D-01
DPST-NC
A165E-LS-24D-02
Non-lighted
---
SPST-NC
A165E-S-01
DPST-NC
A165E-S-02
LED
24 VAC/VDC
40 dia.
SPST-NC
A165E-LM-24D-01
DPST-NC
A165E-LM-24D-02
Non-lighted
---
SPST-NC
A165E-M-01
DPST-NC
A165E-M-02
Non-lighted
---
30 dia.
TPST-NC
A165E-S-03U
40 dia.
A165E-M-03U
Illumination
Pushbutton color
*
Pushbutton size
Terminal
Contact form
Model
Non-lighted
Yellow
30 dia.
Solder terminal
SPST-NC
A165E-SY-01
Gray
A165E-SGR-01
Yellow
DPST-NC
A165E-SY-02
Gray
A165E-SGR-02
Yellow
TPST-NC
A165E-SY-03U
Gray
A165E-SGR-03U
Appearance
Illumination
Model
30
dia.
Non-lighted
A165E-S
Lighted
A165E-LS
40 dia.
Non-lighted
A165E-M
Lighted
A165E-LM
Appearance
LED color
Rated
voltage
Model
Red
Bright
5 VDC
A16-5DSR
12 VAC/VDC
A16-12DSR
24 VAC/VDC
A16-24DSR
Appearance
Illumination
Contact
form
Model
Non-lighted
SPST-NC
A165E-01
DPST-NC
A165E-02
Lighted
SPST-NC
A165E-01L
DPST-NC
A165E-02L
Appearance
Illumination
Contact
form
Model
Lighted
SPST-NC
A165E-R-24D-01
DPST-NC
A165E-R-24D-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com