Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A165E-R-24D-02 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A165E-R-24D-02
Description  Separate Construction with Smallest Class of Depth in the World
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165E-R-24D-02 Datasheet(HTML) 3 Page - Omron Electronics LLC

  A165E-R-24D-02 Datasheet HTML 1Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 2Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 3Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 4Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 5Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 6Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 7Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 8Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
A165E
3
Accessories (Order Separately)
Specifications
Certified Standard Ratings
UL508, CSA C22.2 No.14, CCC(GB14048.5)
Models with Separate Construction
Models with One-piece Construction
TÜV(EN60947-5-1)
Models with Separate Construction
Models with One-piece Construction
Certified Standards
* Certification for CSA C22.2 No. 14 has been obtained. Separate
construction models have been certified for the Switch Unit.
Switch Ratings
Models with Separate Construction
Note: Minimum applicable load: 5 VDC, 150 mA
Models with One-piece Construction
Note: Minimum applicable load: 5 VDC, 1 mA
LED Ratings
(Only for Models with LEDs)
Item
Appearance
Type
Model
Precautions
Yellow Plate
Yellow, 45 dia.
A16Z-5070
Use this as an emergency stop
nameplate.
Panel Plug
Round
A16ZT-3003
Used for covering the panel cutouts
for future panel expansion.
Degree of protection: IP40
Color: Black
Tightening Tool
---
A16Z-3004
Useful for repetitive mounting. Be
careful not to tighten excessively.
Extractor
A16Z-5080
Convenient for extracting the Switch
and Lamp.
Rated voltage
Resistive load
125 VAC
250 VAC
30 VDC
5 A
3 A
3 A
Rated voltage
Resistive load
125 VAC
250 VAC
30 VDC
1 A
0.5 A
1 A
Rated voltage
Resistive load
250 VAC
30 VDC
3 A
3 A
Rated voltage
Resistive load
250 VAC
30 VDC
0.5 A
1 A
Certification
body
Standards
File No.
UL
*
UL508,
CSA C22.2 No.14
E41515
TÜV SÜD
EN60947-5-1 (certified
direct opening),
EN60947-5-5
Consult your OMRON
representative for
details.
CQC (CCC)
GB14048.5
2003010303070678
Rated voltage
Resistive load
125 VAC
250 VAC
30 VDC
5 A
3 A
3 A
Rated voltage
Resistive load
125 VAC
250 VAC
30 VDC
1 A
0.5 A
1 A
Rated voltage
Rated current
Operation voltage
24 VAC/VDC
8 mA
24 VAC/VDC±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com