Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A165E-R-24D-02 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # A165E-R-24D-02
Description  Separate Construction with Smallest Class of Depth in the World
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165E-R-24D-02 Datasheet(HTML) 5 Page - Omron Electronics LLC

  A165E-R-24D-02 Datasheet HTML 1Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 2Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 3Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 4Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 5Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 6Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 7Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 8Page - Omron Electronics LLC A165E-R-24D-02 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
A165E
5
Dimensions
(Unit: mm)
A165E-S
Mounting ring
Lock ring
Lock
Packing (t=0.5)
16
+0.2 dia.
0
3
+0.1 dia.
0
30 dia.
Non-lighted models
30 mm diameter
Panel cutout
dimensions
· When applying a coating such as
paint to the panel, dimensions
after the coating must satisfy the
specified dimensions.
· Recommended panel thickness:
0.5 to 3.2 mm.
M16 × 1
2.6
1.4
10.8±5
22.0±0.8
28.5±0.8
20±0.8
16
+0.2 dia.
0
3
+0.1 dia.
0
Lock ring
Lock
Packing (t=0.5)
Mounting ring
30 dia.
A165E-LS
Lighted models
30 mm diameter
Panel cutout
dimensions
· When applying a coating such as
paint to the panel, dimensions
after the coating must satisfy the
specified dimensions.
· Recommended panel thickness:
0.5 to 3.2 mm.
M16 × 1
10.8±0.5
22.1±0.8
28.5±0.8
20±0.8
2.6
1.4
28.5±0.8
20.5±0.8
21.5±0.5
1
A165E
-S-03U
Lock
Packing (t=0.5)
Lock ring
Mounting ring
16
+0.2 dia.
0
3
+0.1 dia.
0
30 dia.
Panel cutout
dimensions
· When applying a coating such as
paint to the panel, dimensions
after the coating must satisfy the
specified dimensions.
· Recommended panel thickness:
0.5 to 3.2 mm.
Non-lighted,
One-piece construction models
30 mm diameter
M16 × 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com