Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRDM-KW40Z Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button FRDM-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 12Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 13Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 14Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 15Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 16Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015
Freescale Semiconductor, Inc.
13
FRDM-KW40Z development board
The external 50 (balanced):100 (unbalanced) balun connects a single-ended 50-Ohm port to the
differential RF port of the MKW40Z SoC transceiver. The layout has a provision for out-of-band signal
suppression (components L4 and C33), if required. The following figure shows the typical topology of the
RF circuitry. The RF connector J5 is provided for conducted measurement purposes, and it is used as DNP.
Figure 7. FRDM-KW40Z board’s RF circuitry
4.2.2
Clocks
The FRDM-KW40Z board provides two clocks:
•
32 MHz Reference Oscillator—Figure 8 shows the 32 MHz external crystal Y1. This mounted
crystal meets the specifications outlined in Reference Oscillator Crystal Requirements for the
MC1320x, MC1321x, MC1322x, and MC1323x IEEE 802.15.4 Devices (document AN3251).
The IEEE Std. 802.15.4 requires the frequency to be accurate to less than 40 ppm.
— Capacitors C41 and C42 provide the bulk of the crystal load capacitance. At 25 °C, the
frequency must be accurate to 10 ppm (or less) to enable temperature variation.
— To measure the 32 MHz oscillator frequency, program the CLKOUT (PTB0) signal to provide
buffered output clock signal.
•
Optional 32.768 kHz Crystal Oscillator—a secondary 32.768 kHz crystal Y2 is provided
(see Figure 9). Use this oscillator for a low-power accurate time base.
— The module provides the Y2 crystal and its load capacitors C46 and C47.
— Load capacitors C46 and C47 provide the entire crystal load capacitance; there is no on-board
trim capacitance.
— The 32 kHz oscillator components are supplied, but not enabled. The 0 Ohm resistors R71 and
R76 disable the 32 kHz oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com