Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRDM-KW40Z Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # FRDM-KW40Z
Description  FRDM-KW40Z Freescale Freedom Development Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW40Z Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  FRDM-KW40Z Datasheet HTML 1Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 2Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 3Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 4Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 5Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc FRDM-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
FRDM-KW40Z Freescale Freedom Development Board User’s Guide, Rev. 2, 10/2015
2
Freescale Semiconductor, Inc.
Safety information
2
Safety information
2.1
FCC guidelines
This equipment is to be used by developers for evaluation purposes only, and must not be incorporated into
any other device or system. This device must not be sold to the general public. Integrators are responsible
for reevaluating the end product (including the transmitter) and obtaining a separate FCC authorization.
The FCC approval of this device only covers the original configuration of this device (as supplied).
Any modifications to this product (including changes shown in this guide) may violate the rules of the
Federal Communications Commission and Industry Canada and make the operation of the product
unlawful.
2.1.1
Labeling
The FCC labels are located on the back of the board.
2.1.2
Operating conditions
The device must comply with part 15 of the FCC rules. Operation is subject to these two conditions:
•
This device must not cause harmful interference.
•
This device must accept any interference received, including interference that can cause undesired
operation.
2.1.3
Exposure limits
The device must comply with FCC radiation exposure limits set forth for an uncontrolled environment.
Install the antenna(s) used by the device to provide a separation distance of at least 8 inches (20 cm) from
all persons.
2.1.4
Antenna restrictions
An intentional radiator must be designed to ensure that no antenna (other than that furnished by the
responsible party) is used with the device. Using a permanently attached antenna or an antenna that uses
a unique coupling to the intentional radiator is considered sufficient to comply with the provisions of this
Section. The manufacturer may design the unit so that a broken antenna can be replaced by the user, but
using a standard antenna jack or electrical connector is prohibited. This requirement does not apply to
carrier current devices or to devices operated under the provisions of Sections 15.211, 15.213, 15.217,
15.219, or 15.221 of the IEEE 802.15.4 Standard. This requirement does not apply to intentional radiators
that must be professionally installed (such as perimeter protection systems and field disturbance sensors)
or to other intentional radiators which must be measured at the installation site (in accordance with Section
15.31(d)). The installer is responsible for ensuring that a proper antenna is employed (to not exceed the
limits in this Part).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com