Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTB10-R3812 Datasheet(PDF) 2 Page - SICK AG

Part # GTB10-R3812
Description  Photoelectric proximity sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

GTB10-R3812 Datasheet(HTML) 2 Page - SICK AG

  GTB10-R3812 Datasheet HTML 1Page - SICK AG GTB10-R3812 Datasheet HTML 2Page - SICK AG GTB10-R3812 Datasheet HTML 3Page - SICK AG GTB10-R3812 Datasheet HTML 4Page - SICK AG GTB10-R3812 Datasheet HTML 5Page - SICK AG GTB10-R3812 Datasheet HTML 6Page - SICK AG GTB10-R3812 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/18/2016 2:21:48 AM
Photoelectric sensors
G10, Photoelectric proximity sensor, Background suppression
1) Object with 90 % reflectance (referred to standard white, DIN 5033) 2) Average service life: 100,000 h at TU = +25 °C
Type
> GTB10-R3812
Part No.
> 1065862
At a glance
Long sensing ranges: up to 1,200 mm with background suppression
PinPoint LED with bright and precise light spot or infrared LED
Immunity to ambient light
10 V DC ... 30 V DC or 24 V AC/DC … 240 V AC/DC power supply with
PNP/NPN or relay output
Small housing design
Rugged sensor housing with metal-reinforced holes for assembly
Q-Lock assembly system for mounting and aligning the sensor within a few
seconds
Your benefits
Long sensing ranges for maximum operating reserves
Powerful background suppression ensures precise detection, regardless of
reflective surfaces and objects
Efficient installation: the GTB10 and the Q-Lock assembly system save valuable
hours when mounting and commissioning multiple sensors
Universal DC or AC/DC power supply for even greater application flexibility
Highly reliable and durable despite optical interference and mechanical loads
Wide range of accessories simplifies sensor integration: aids for assembly and
connectors
Illustration may differ
Features
Sensor/detection principle:
Photoelectric proximity sensor, Background suppression
Dimensions (W x H x D):
20 mm x 50 mm x 51.5 mm
Housing design (light emission):
Rectangular
Sensing range max.:
20 mm ... 950 mm 1)
Type of light:
Visible red light
Light source:
PinPoint LED 2)
Wave length:
625 nm
Adjustment:
Potentiometer, 5 turns
Light spot size (distance):
Ø 8 mm (700 mm)
Mechanics/electronics
Supply voltage:
24 V AC/DC ... 240 V AC/DC 1)
Ripple:
± 5 Vpp 2)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com