Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTB10-R3812 Datasheet(PDF) 3 Page - SICK AG

Part # GTB10-R3812
Description  Photoelectric proximity sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

GTB10-R3812 Datasheet(HTML) 3 Page - SICK AG

  GTB10-R3812 Datasheet HTML 1Page - SICK AG GTB10-R3812 Datasheet HTML 2Page - SICK AG GTB10-R3812 Datasheet HTML 3Page - SICK AG GTB10-R3812 Datasheet HTML 4Page - SICK AG GTB10-R3812 Datasheet HTML 5Page - SICK AG GTB10-R3812 Datasheet HTML 6Page - SICK AG GTB10-R3812 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/18/2016 2:21:48 AM
1) +- 10 % 2) May not exceed or fall below Uv tolerances 3) Provide suitable spark suppression for inductive or capacitive loads 4) Do not bend below 0 °C 5) C =
interference suppression 6) Reference voltage: 250 V AC 7) In the case of a DC supply (ref. to EN 61000-6-3) the length of cable between the supply source and the
sensor must be < 30 m 8) UL: 0 °C ... +60 °C 9) Complies with the UL325 standard when used with sturdy protection hood (e.g. BEF-G10WSG, 2071960). 10) With
light/dark ratio 1:1
Power consumption:
≤ 2.5 VA
Output type:
Relay, SPDT, electrically isolated 3)
Response time:
≤ 10 ms
Connection type:
Cable, 5-wire, 2 m 4)
Cable material:
PVC
Conductor cross-section:
0.25 mm²
Circuit protection:
C 5)
Protection class:
II 6)
Weight:
115 g
Polarisation filter:
-
Interference emission:
EN 61000-6-3 (2011-09) 7)
Special device:
-
Enclosure rating:
IP 67
Items supplied:
Mounting bracket BEF-G10UC01
Usage category:
AC-15, DC-13, According to EN 60947-1
EMC:
EN 60947-5-2
Ambient operating temperature:
-30 °C ... +60 °C 8)
Ambient storage temperature:
-40 °C ... +70 °C
UL File No.:
NRKH.E348498 & NRKH7.E348498
Further standards:
UL325 9)
Switching frequency max.:
20 Hz 10)
Switching load max. (current/voltage):
0.11 A (250 V DC), 3 A (250 V AC), 3 A (30 V DC)
Relay switching cycles min.:
100.000 cycles (3 A)
Housing material:
PVC ∕ PMMA, Plastic



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com