Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP05BSI-1HT Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SL23EP05BSI-1HT
Description  LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP05BSI-1HT Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SL23EP05BSI-1HT Datasheet HTML 4Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 5Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 10Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 11Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SL23EP05
8
Rev. 2.2
Table 6. Thermal Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Thermal Resistance Junction to
Ambient
Still air
110
°C/W
1 m/s air flow
100
°C/W
3 m/s air flow
80
°C/W
Thermal Resistance Junction to
Case
Independent of air flow
35
°C/W
Table 7. Absolute Maximum Rating
Parameter
Test Condition
Min
Max
Unit
Supply voltage, VDD
–0.5
4.6
V
All Inputs and Outputs
–0.5
VDD+0.5
V
Ambient Operating Temperature
In operation, C-Grade
0
70
°C
Ambient Operating Temperature
In operation, I-Grade
–40
85
°C
Storage Temperature
No power is applied
–65
150
°C
Junction Temperature
In operation, power is applied
125
°C
Soldering Temperature
260
°C
ESD Rating (Human Body Model)
JEDECC22-A114D
–4000
4000
V
ESD Rating (Charge Device Model)
JEDECC22-C101C
–1500
1500
V
ESD Rating (Machine Model)
JEDECC22-A115D
–200
200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com