Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL23EP05BSI-1HT Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SL23EP05BSI-1HT
Description  LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP05BSI-1HT Datasheet(HTML) 1 Page - Silicon Laboratories

  SL23EP05BSI-1HT Datasheet HTML 1Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 2Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 3Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 4Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 5Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev. 2.2 5/15
Copyright © 2015 by Silicon Laboratories
SL23EP05
SL23EP05
LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY
BUFFER (ZDB)
Features
Applications
Benefits
Description
The SL23EP05 is a low skew, low jitter, and low power Zero Delay Buffer
(ZDB) designed to produce up to five clock outputs from one reference input
clock for high speed clock distribution applications. The product has an on-
chip PLL which locks to the input clock at CLKIN and receives its feedback
internally from the CLKOUT pin.
The SL23EP05 is available with two drive strength versions called –1 and
–1H. The –1 is the standard-drive version and –1H is the high-drive version.
The SL23EP05 high-drive version operates up to 220 MHz and 180 MHz at
3.3 V and 2.5 V power supplies, respectively. The standard drive version –1
operates up to 200 MHz and 167 MHz at 3.3 V and 2.5 V, respectively.
The SL23EP05 enter into Power Down (PD) mode if the input at CLKIN is
less then 2.0 MHz or there is no rising edge. In this state all five outputs are
tri-stated and the PLL is turned off leading to less than 10 μA of power
supply current draw.
10 to 220 MHz operating
frequency range
Low output clock jitter:

50 ps-typ cycle-to-cycle jitter

20 ps-typ period jitter
Low output-to-output skew:
30 ps-typ
Low product-to-product skew:
60 ps-typ
Wide 2.5 V to 3.3 V power supply
range
Low power dissipation:

16 mA-max at 66 MHz and
VDD = 3.3 V

14 mA-max at 66 MHz and
VDD = 2.5 V
One input drives five outputs
organized as 4+1
SpreadThru™ PLL that allows
use of SSCG
Standard and High-Drive options
Available in 8 pin SOIC and
TSSOP packages
Available in Commercial and
Industrial grades
Printers and MFPs
Digital Copiers
PCs and Work Stations
Routers, Switchers and Servers
Digital Embedded Systems
Up to five distribution of input
clock
Standard and High-Drive levels
to control impedance level,
frequency range and EMI
Low power dissipation, jitter and
skew
Low cost
Patents pending
Ordering Information:
See page 14.
Pin Assignments
SL23EP05


Similar Part No. - SL23EP05BSI-1HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1 SPECTRALINEAR-SL23EP05SC-1 Datasheet
150Kb / 11P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1H SPECTRALINEAR-SL23EP05SC-1H Datasheet
150Kb / 11P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1HT SPECTRALINEAR-SL23EP05SC-1HT Datasheet
150Kb / 11P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1T SPECTRALINEAR-SL23EP05SC-1T Datasheet
150Kb / 11P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL23EP05BSI-1HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com