Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS2085A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # LS2085A
Description  1U form-factor tool for evaluation and design of value-added networking applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS2085A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  LS2085A Datasheet HTML 1Page - Freescale Semiconductor, Inc LS2085A Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QorIQ LS2 Processor Family
QorIQ LS2085A Reference
Design Board
1U form-factor tool for evaluation and design of value-added
networking applications
Freescale’s QorIQ LS2085A processor is designed to enable network intelligence and capitalize
on the emerging trends of networking virtualization. The processor goes beyond the traditional
multicore approach, where performance is directly proportional to the number of cores
instantiated. Instead, the LS2085A processor adds an intelligent software-aware packet processor,
a versatile Layer 2 switch and a management complex that simplifies programming and that
delivers unprecedented efficiency and new virtualized networks.
The features and capabilities of the QorIQ LS2085A processor enable designs in enterprise SDN
switching and routing, cloud data center switching and wireless cell site routing. With up to eight
64-bit ARM® cores, the processor also enables many control-based applications like control plane
functions for branch routers, chassis switches, firewalls and WAN optimization controllers.
The QorIQ LS2085A reference design board (LS2085A RDB) provides a comprehensive platform
that enables design and evaluation of the product in all its instantiations: with options for
configuring an internal 8-port, L2 switch and the powerful and autonomous 40 Gbps advanced
packet processor.
QorIQ LS2085A RDB System Block Diagram
QorIQ LS2085A RDB Block Diagram
128 MB NOR & 2GB 8-bit NAND
POR Cfg.
Power CKt VID
Single Clocking
2100 MT/s DDR4/72bit 4 GB Dual Rank
2100 MT/s DDR4/72bit 4 GB Dual Rank
1600 MT/s DDR4/40-bit 1 GB
RS232
Serial
AQ2402
CS434
EEPROM/ Tem Sensor/RTC
64 MB EEPROM
JTAG
SDXC
PCIe x 8
x8
10gBaseT10G/1G/100M
USB 3.0 Micro-AB
USB 3.0 Standarad A
RJ45
RJ45
RJ45
RJ45
RJ45
RJ45
PCIe x 4
PCIe x 4
MUX
SATA x 2
SATA x 4
QorIQ
LS2085A
IFC
DDR
DDR
DDR
PCIe
XFI x 4
XFI x 4
SD
USB 3.0
USB 3.0
DUART
SPI
COP
I2C


Similar Part No. - LS2085A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS20 ETC2-LS20 Datasheet
214Kb / 2P
Surface Mountable Illuminated Switch
logo
CITIZEN ELECTRONICS CO....
LS20 CITIZEN-LS20 Datasheet
482Kb / 2P
Illuminated Type
logo
TDK Electronics
LS200 TDK-LS200 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
LS200-12 TDK-LS200-12 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
LS200-12 TDK-LS200-12 Datasheet
271Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
More results

Similar Description - LS2085A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
Design of Power Factor Correction
logo
Analog Devices
EVAL-ADP1864 AD-EVAL-ADP1864_15 Datasheet
818Kb / 16P
Evaluation Board for ADP1864 with Web Design Tool
Rev. C
logo
Molex Electronics Ltd.
62202-9880 MOLEX11-62202-9880 Datasheet
36Kb / 1P
Insertion Tool for 1 by 2 Small Form-Factor Pluggable
0622029720 MOLEX11-0622029720 Datasheet
29Kb / 1P
Insertion Tool for 1 by 1 Small Form-Factor Pluggable
0622029740 MOLEX11-0622029740 Datasheet
29Kb / 1P
Insertion Tool for 1 by 1 Small Form-Factor Pluggable
0622029790 MOLEX11-0622029790 Datasheet
31Kb / 1P
Removal Tool for 1 by 4 Small Form-Factor Pluggable
0622029840 MOLEX11-0622029840 Datasheet
31Kb / 1P
Removal Tool for 1 by 6 Small Form-Factor Pluggable
logo
Johanson Technology Inc...
0868AT43A0020E JOHANSON-0868AT43A0020E Datasheet
577Kb / 5P
868 MHz Antenna for small form factor applications
logo
Molex Electronics Ltd.
0622029780 MOLEX-0622029780 Datasheet
34Kb / 2P
Insertion Tool for 1-by-4 Small Form-Factor Pluggable
02/27/2021
0622029840 MOLEX-0622029840 Datasheet
34Kb / 2P
Removal Tool for 1 by 6 Small Form-Factor Pluggable
02/26/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com