Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS2085A Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # LS2085A
Description  1U form-factor tool for evaluation and design of value-added networking applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS2085A Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  LS2085A Datasheet HTML 1Page - Freescale Semiconductor, Inc LS2085A Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information, visit freescale.com/QorIQ
Freescale, the Freescale logo, CodeWarrior and QorIQ. ARM is a registered trademark of ARM Limited (or its subsidiaries) in the
EU and/or elsewhere. ARM Cortex-A57 is a trademark of ARM Limited. © 2015 Freescale Semiconductor, Inc.
Document Number: LS2085ARDBFS REV 1
The LS2085A reference design is designed
in a 1U form factor and will conform to all
requirements for sale worldwide, including
certifications for FCC Part 15 Class A.
The QorIQ LS2085A RDB comes pre-loaded
with Freescale’s board support package
(BSP) based on standard Linux kernel. The
comprehensive BSP also enables some of the
SoCs new capabilities:
• LinuxkernelsupportforDPAA2containers.
• DPAA2L2switchobjects
• NADK,aLinuxuserspaceenvironment
providing functions and interfaces oriented
towards packet processing applications
• Supportforanopenarchitectureparallel
processing packet engine
Hardware Features:
• LS2085ACPUUpto8xARMCortex-A57
CPU, up to 2.0 GHz core speed
• Memory
SDRAM Supporting dual ranked DIMM
slot, two x DDR4 uDIMM x72 support
for 4 GB memory per slot, 2.1 GT/s data
rate, ECC enable
Support for an additional dual rank
uDIMM slot. One x ½ uDIMM x40
support for 1 GB memory, 1.6 GT/s
data rate
128 MB NOR flash, 8-bit
2 GB SLC NAND flash
• PCIExpress
One standard slot x8 PCIe connector
to support 1 x8 PCIe Gen3 or 2x4 PCIe
through a connector
• USB3.0
Two USB type A connectors on the front
or rear panel connected to a USB PHY;
one configured as a host, the second
as OTG
• SATA
Support for 2xSATA connectors. These
will be muxed from the PCIe SERDES
and configured through a switch on
the board
• Ethernet
Support for up to 4-ports of 10 GbE,
SFP+
Support for up to 4-ports of 10 GbE,
copper (4xRJ45)
Software Features:
• U-Bootbootloader
• LinuxkernelwithDPAA2networking
support
• GNUtoolchainforARMv8technology
• LargesetofstandardLinuxuserspace
packages including shells, initialization
scripts and servers
• SupportforDPAA2
Management complex firmware for the
DPAA2 architecture
• LinuxkernelsupportfortreatingDPAA2
containers as plug-and-play busses with
VFIO support
• IntegratedcontrolofDPAA2L2switch
objects
• NADK,aLinuxuserspaceenvironment
providing functions and interfaces oriented
towards packet processing applications
• Supportforanopenarchitectureparallel
processing packet engine
“Service layer” which provides interfaces
and APIs for packet processing
programs that run on the advanced
packet processor
Available CodeWarrior tool chain
• Fullyintegratedmarket-readysolutionsthat
integrate Freescale-supplied datapaths (i.e.
IP forwarding, IPSec, Netflow, BFD, SDN,
ETh OAM and many other networking
functions and protocols)
Users may also integrate these advanced
packet processing datapaths themselves
QorIQ LS2085A Reference Design Board



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com