Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE150SCD Datasheet(PDF) 2 Page - SL Power Electronics

Part # LE150SCD
Description  150W Single Output LED Driver Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LE150SCD Datasheet(HTML) 2 Page - SL Power Electronics

  LE150SCD Datasheet HTML 1Page - SL Power Electronics LE150SCD Datasheet HTML 2Page - SL Power Electronics LE150SCD Datasheet HTML 3Page - SL Power Electronics LE150SCD Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LE150S-CD
150W Single Output
LED Driver Series
www.slpower.com
LE150S-CD, 15-APRIL-13
2
General Specifications (continued)
Ripple and Noise
See chart
Operating
Temperature
Operating:
-35°C to +70°C
Non-operating: -40°C to +85°C
Output Voltage
See chart
Relative Humidity
10% to 100% operating
5% to 100%, non-operating
Total Regulation
+/- 3%. See chart
Safety Standards
UL8750, UL935, UL1012, CSA-C22.2 No. 107.1,
EN61347-1, EN61347-2-13
Dimensions
W: 3.13” x L: 9.37” x H: 1.81”
MTBF
340,000 hours (1400mA model, 110Vac input,
80% load, 25°C ambient, per MIL-HDBK-217F).
Weight
1500g
Lifetime
58,000 hours (1400mA model, at 110Vac input,
80% load, 45°C ambient temperature).
EMI/EMC Compliance
Emissions
EN55015, Radiated & Conducted with 6db of margin
EMI for Lighting Equipment
EN61547
Static Discharge Immunity
EN61000-4-2, 4kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3
EFT/Burst Immunity
EN61000-4-4
Line Surge Immunity
EN61000-4-5, 2kV line-line, 4kV line-earth
Conducted RF Immunity
EN61000-4-6
Power Frequency Magnetic Field Immunity
EN61000-4-8
Voltage Dip Immunity
EN61000-4-11
Line Harmonic Emissions
EN61000-3-2
Flicker Test
EN61000-3-3
Derating Curves
Mechanical Drawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com