Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE150SCD Datasheet(PDF) 3 Page - SL Power Electronics

Part # LE150SCD
Description  150W Single Output LED Driver Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LE150SCD Datasheet(HTML) 3 Page - SL Power Electronics

  LE150SCD Datasheet HTML 1Page - SL Power Electronics LE150SCD Datasheet HTML 2Page - SL Power Electronics LE150SCD Datasheet HTML 3Page - SL Power Electronics LE150SCD Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LE150S-CD
150W Single Output
LED Driver Series
www.slpower.com
LE150S-CD, 15-APRIL-13
3
Dimming Control
The dimming function shown below uses an internal pull-up resistor, with the output at full load when the dimming leads are not connected (floated).
Parameters:
Parameter
Min.
Typ.
Max.
Notes
10V Output Voltage
9.8V
10V
10.2V
10V Output Source Current
0mA
-
10mA
Absolute Max. Voltage on the 1-10V input
-2V
-
12V
Source Current on the 1-10V input
0mA
-
1mA
Value of Rin (resistor inside the LED Driver, which is located
between the 1-10V input and 10V output
19.8K
20K
20.2K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com