Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINT1500 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MINT1500
Description  500W Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1500 Datasheet(HTML) 2 Page - SL Power Electronics

  MINT1500 Datasheet HTML 1Page - SL Power Electronics MINT1500 Datasheet HTML 2Page - SL Power Electronics MINT1500 Datasheet HTML 3Page - SL Power Electronics MINT1500 Datasheet HTML 4Page - SL Power Electronics MINT1500 Datasheet HTML 5Page - SL Power Electronics MINT1500 Datasheet HTML 6Page - SL Power Electronics MINT1500 Datasheet HTML 7Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MINT1500
500W Single Output
Medical & ITE Series
www.slpower.com
MINT1500 REV 6.0, 12-18-14
2
General Specifications
AC Input
90-270Vac, 47-63Hz agency approved from
90Vac to 264Vac
120–300Vdc (External fuse required for DC input)
Power supply is protected against brown out
condition
Turn On Time
<500mS @115Vac
Input Current
115Vac: 5A, 230Vac: 2.5A
Hold-up Time
20 mS minimum at full load & 100 Vac input
Inrush Current
270Vac, cold start: will not exceed 15A
Power Factor
Correction
Meets EN61000-3-2, Class A, and D
Meets Class C for 500 Watt output
Input Fuses
F1, F2: T10A, 250Vac, provided on all models
Overload
Protection
Main Output
120% to 140% of current rating, Hiccup Mode
Earth Leakage
Current
<275µA@264Vac, 60Hz, NC; <450µA SFC
Short Circuit
Protection
Self-recovering
Efficiency
92% typical at 115Vac, 93% typical at 230Vac
Overvoltage
Protection
Hiccup Mode, Self-recovering see models chart
for trip ranges.
Output Power
500W continuous with 200 lfm airflow, up to
350W convection cooled @ 100Vac, 50°C
ambient.
Overtemperature
Protection
Provided, self-recovering
Automatic power shutdown at TC 135°C/115°C
Transient
Response
500 uS typical for return to within 0.5% of
nominal, 50% load step from 5% to 100%.
∆i/∆t: <0.2A/µS.
Maximum Voltage Deviation = 3%
Switching
Frequency
PFC: Variable, 50-500kHz
Main Converter: Variable 40-180 kHz, 65Khz
typical
Ripple and Noise
Main Output
See models chart
Isolation
Input-Output:
4000Vac, 2 x MOPP
Input-Ground:
1800Vac, 1 x MOPP
Output-Ground: 700Vdc
Output Voltage
See models chart
Operating
Temperature
-10°C to +70°C (Derate output power linearly by 2.5% /˚C
above 50°C to 50% at 70°C)
Voltage
Adjustability
+/-5% from nominal
Storage
Temperature
-40°C to +85°C
Minimum Load
Not required
Altitude
Operating: Up to 3000m (derate 5˚C for natural
Convection Cooling Applications)
Non-operating: -150 to 12,000m
Total Regulation
Main Output: ±2%.
12V Fan Output: ±10% (with >0.1A load on main o/p)
5Vsb Output: ±2%
Relative
Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g²/Hz, 1.5grms overall, 3 axes,
1 hr/axis
Operating: 0.026g²/Hz, 5.0grms overall, 3 axes,
10 min/axis
Shock
Operating: Half-sine, 40gpk, 8ms, 3 axes, 6
shocks total
Dimensions
W: 3.3” x L: 7.0” x H: 1.5”
W: 84mm x L: 178mm x H: 38mm
With Fan Option: Top Mount: 3.3” x 7.0” x 2.09”
With IEC: 3.3” x 8.15” x 1.58”
Safety Standards
EN/CSA/UL/IEC 60601-1, 3
rd Edition
Weight
680g. 750g w/cover
MTBF
Over 500,000 hours, 25°C Ambient, 115Vac
input
Cover Option
Replace Letter “A” to “C” for this option
Example: MINT1500C2414E01
Current Share
Single wire current share for up to 3 units.
Please consult Application notes for proper
wiring



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com