Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINT1500 Datasheet(PDF) 3 Page - SL Power Electronics

Part # MINT1500
Description  500W Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1500 Datasheet(HTML) 3 Page - SL Power Electronics

  MINT1500 Datasheet HTML 1Page - SL Power Electronics MINT1500 Datasheet HTML 2Page - SL Power Electronics MINT1500 Datasheet HTML 3Page - SL Power Electronics MINT1500 Datasheet HTML 4Page - SL Power Electronics MINT1500 Datasheet HTML 5Page - SL Power Electronics MINT1500 Datasheet HTML 6Page - SL Power Electronics MINT1500 Datasheet HTML 7Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MINT1500
500W Single Output
Medical & ITE Series
www.slpower.com
MINT1500 REV 6.0, 12-18-14
3
Auxiliary Signals
Power Good:
Signal goes HIGH 100-250mS after main
output is in regulation, and goes LOW with
7ms warning time before loss of main output
due to loss of AC input (Output is measured
above 90% nominal voltage)
DC OK:
During normal operation, this signal is logic
HIGH. Signal will go LOW for output less than
90% of nominal.
Inhibit:
PS Off:
Logic High or Open = On
Low/ground
= Off
Low or Open = ON
Logic High
= OFF
Current Sharing
Active single wire, for up to 3 units in parallel
EMI/EMC Compliance
Conducted Emissions
EN55011/22 Class B, FCC Part 15, Subpart B, Class B
Radiated Emissions
EN55011/22 Class A; FCC Part 15, Subpart A, Class A
Static Discharge Immunity
EN61000-4-2, Criteria A, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m;10V/M Criteria A, B
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11, 0% Vin, 10mS; 40% Vin, 100mS (60% load); 70% Vin,
500mS (80% load); 0% 5000mS; Criteria A, A, A, B.
Line Harmonic Emissions
EN61000-3-2, Class A, and D
Meets Class C for 500 Watt output
Flicker Test
EN61000-3-3, Complies
Isolation Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Insulation Safety Rating
Input/Ground
Input/Output
Output/Ground
1 MOPP
2 MOPP
Operational
Electric Strength Test Voltage
Input/Ground
Input/Output
Output/Ground
1800
4000
700
-
-
Vac
Vac
Vdc



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com