Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS466L6 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BFS466L6
Description  NPN Silicon RF TWIN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS466L6 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BFS466L6 Datasheet HTML 1Page - Infineon Technologies AG BFS466L6 Datasheet HTML 2Page - Infineon Technologies AG BFS466L6 Datasheet HTML 3Page - Infineon Technologies AG BFS466L6 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Sep-01-2003
2
BFS466L6
Maximum Ratings
Parameter
Symbol
Value
Unit
Base current
TR1
TR2
IB
5
4
mA
Total power dissipation1)
TR1, TS ≤ 104°C
TR2, TS ≤ 102°C
Ptot
200
210
mW
Junction temperature
TR1
TR2
Tj
150
150
°C
Ambient temperature
TR1
TR2
TA
-65 ... 150
-65 ... 150
Storage temperature
TR1
TR2
Tstg
-65 ... 150
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
TR1
TR2
RthJS
≤ 230
≤ 230
K/W
1TS is measured on the collector lead at the soldering point to the pcb
2For calculation of RthJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com