Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS466L6 Datasheet (PDF) - Infineon Technologies AG

BFS466L6 Datasheet PDF - Infineon Technologies AG
Part # BFS466L6
Download  BFS466L6 Download
File Size   85.36 Kbytes
Page   4 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF TWIN Transistor

BFS466L6 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFS466L6 Datasheet PDF - Infineon Technologies AG

Part # BFS466L6
Download  BFS466L6 Click to download

File Size   85.36 Kbytes
Page   4 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF TWIN Transistor

BFS466L6 Datasheet (HTML) - Infineon Technologies AG


BFS466L6 Product details

NPN Silicon RF TWIN Transistor*
​​​​​​​
• Low voltage/ low current applications
• Ideal for VCO modules and low noise amplifiers
• Worlds smallest SMD 6-pin leadless package
• Built in 2 transitors (TR1: die as BFR460L3,
                                  TR2: die as BFR360L3)
• Low noise figure: TR1: 1.1dB at 1.8 GHz
                              TR2: 1.0 dB at 1.8 GHz
• TR1 with excellent ESD performance
   typical value > 1500 V (HBM)
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
* Short term description




Similar Part No. - BFS466L6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS466L6 INFINEON-BFS466L6 Datasheet
121Kb / 8P
NPN Silicon RF TWIN Transistor
2007-04-26
BFS466L6 INFINEON-BFS466L6_07 Datasheet
121Kb / 8P
NPN Silicon RF TWIN Transistor
2007-04-26
More results


Similar Description - BFS466L6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS469L6 INFINEON-BFS469L6 Datasheet
59Kb / 8P
NPN Silicon RF TWIN Transistor
2005-10-11
logo
California Eastern Labs
UPA862TD CEL-UPA862TD Datasheet
291Kb / 12P
NPN SILICON RF TWIN TRANSISTOR
UPA895TD CEL-UPA895TD Datasheet
271Kb / 11P
NPN SILICON RF TWIN TRANSISTOR
logo
Infineon Technologies A...
BFS466L6 INFINEON-BFS466L6_07 Datasheet
121Kb / 8P
NPN Silicon RF TWIN Transistor
2007-04-26
logo
Renesas Technology Corp
UPA810TC RENESAS-UPA810TC Datasheet
194Kb / 14P
NPN SILICON RF TWIN TRANSISTOR
1999
UPA828TD RENESAS-UPA828TD Datasheet
303Kb / 10P
NPN SILICON RF TWIN TRANSISTOR
2008
UPA831TD RENESAS-UPA831TD Datasheet
273Kb / 8P
NPN SILICON RF TWIN TRANSISTOR
2004
UPA873TS RENESAS-UPA873TS Datasheet
206Kb / 9P
NPN SILICON RF TWIN TRANSISTOR
2003
UPA892TD RENESAS-UPA892TD Datasheet
266Kb / 18P
NPN SILICON RF TWIN TRANSISTOR
2001
UPA895TS RENESAS-UPA895TS Datasheet
206Kb / 9P
NPN SILICON RF TWIN TRANSISTOR
2003
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com