Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BVL
Description  Complies with EMI-RFI Regulations
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BVL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BVL Datasheet HTML 1Page - List of Unclassifed Manufacturers BVL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2002 Ault Inc.
Configuration: In Case IEC320 with ground
Connector
Input Configuration
BVL
WIDE RANGE LEAD ACID
CHARGERS
IEC320
w/ground
C14
(F)
Indicator #1 (Green)
On (unit energized)
Off (unit de-energized)
Indicator #2 (Amber)
On (battery discharged)
Off (battery charged)
LED Indicators
Pinout Code
Center contact: positive
Description
Switchcraft 760 plug or equivalent
Suggested Mating
Switchcraft 712A jack or equivalent
Other Connectors are available by special order
Input
Voltage
100-250 VAC -10%, +6%
Line Frequency
47 - 63 Hz
Current
0.5 (Lower current with higher voltage)
Protection
Internal primary current fuse
Inrush limiting
Electrical
Topology
Switching - DC battery charger
Dielectric Withstand
3000 VAC, 4242 VDC primary- secondary
1500 VAC, 2121 VDC primary-ground
500 DC secondary-ground
EMI
Complies with EMC Directives
CE
CE Compliant
MTBF
100,000 calculated hours
MTBF
100,000 calculated hours
Protection
Foldback overcurrent.
Short circuit protection
Safety Approvals
Agency Listings
CULus 60950; TUV EN60950
Environmental
Operating Temperature
5º to 40º C with no derating
Storage Temperature
-30º to +85º C
Relative Humidity
5% to 95% non-condensing
0-10,000 feet
Altitude
0-10,000 feet
Cooling
Convectional - non vented case
Mechanical
Case and Dimensions
LP6 - Desktop
4.20 L x 2.60 W x 1.46 H (in)
107 L x 66 W x 37 H (mm)
Case Material
Black 94V0 polycarbonate
Weight
8 ounces, 210 grams (excluding cord)
Cords and Connectors
6 ft., 2 conductor, 18 AWG, Ault #3
connector. Other connectors are also
available.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com