Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BVL
Description  Complies with EMI-RFI Regulations
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BVL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BVL Datasheet HTML 1Page - List of Unclassifed Manufacturers BVL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2002 Ault Inc.
BVL WIDE RANGE LEAD
ACID CHARGERS
•
100-250 VAC
•
In Case IEC 320
•
Automatic Fast/Float Function
•
LED Indicators
•
Charges Lead Acid Batteries
•
Optimizes Battery Life
•
Meets Safety Agency Requirements
•
Complies with EMI-RFI Regulations
•
Impact Resistant Polycarbonate Enclosure
•
Private Label Marking Available
•
3 Year Warranty
•
Modified and Custom Designs Also
Available
BVL
WIDE RANGE LEAD ACID
CHARGERS
BVL061000003K
6V
1.0
7.35
6.90
7.35
BVL062000003K
6V
2.0
14.70
BVL120600003K
12V
0.6
14.70
13.80
8.82
BVL121200003K
12V
1.2
17.64
BVL240300003K
24V
0.3
29.40
27.60
8.82
BVL240600003K
24V
0.6
17.64
Voltage Output
Fast Charge Float Charge Max
Ault Part No.
DC
Amps
Volts DC
Volts DC
Watts
BVL
Ault Part No. Key
Ault Part No. Key
BVL
06
100
00
03
K
Product
Voltage
Output
Denotes standard
Connector
Manufacturing
Family
DC
Amps
or custom
Location
Name
requirements


Similar Part No. - BVL

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
BVL061000003K SLPOWER-BVL061000003K Datasheet
86Kb / 2P
WIDE RANGE LEAD ACID CHARGERS
BVL062000003K SLPOWER-BVL062000003K Datasheet
86Kb / 2P
WIDE RANGE LEAD ACID CHARGERS
BVL120600003K SLPOWER-BVL120600003K Datasheet
86Kb / 2P
WIDE RANGE LEAD ACID CHARGERS
BVL121200003K SLPOWER-BVL121200003K Datasheet
86Kb / 2P
WIDE RANGE LEAD ACID CHARGERS
BVL240300003K SLPOWER-BVL240300003K Datasheet
86Kb / 2P
WIDE RANGE LEAD ACID CHARGERS
More results

Similar Description - BVL

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRC201 CALMIRCO-PRC201 Datasheet
44Kb / 2P
EMI/RFI TAPPED FILTER
logo
Glenair, Inc.
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
Composite EMI/RFI Backshell
M85049-1809N01A GLENAIR-M85049-1809N01A Datasheet
80Kb / 1P
EMI/RFI Environmental Backshell
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
EMI/RFI Environmental Backshell
440AH075NF08 GLENAIR-440AH075NF08_08 Datasheet
507Kb / 2P
EMI/RFI Banding Adapter
logo
Amphenol Corporation
M85049-10-49W AMPHENOL-M85049-10-49W Datasheet
4Mb / 33P
ENVIRONMENTAL EMI / RFI BACKSHELL
logo
Microsemi Corporation
APT24M120L MICROSEMI-APT24M120L Datasheet
213Kb / 4P
Fast switching with low EMI/RFI
logo
Glenair, Inc.
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
EMI/RFI Backshell
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
EMI/RFI Backshell
logo
Sangdest Microelectroni...
120NQ600-1 SMC-120NQ600-1 Datasheet
276Kb / 4P
Reduced RFI and EMI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com