Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1188 Datasheet(PDF) 49 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 49 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 45Page - Microchip Technology CAP1188 Datasheet HTML 46Page - Microchip Technology CAP1188 Datasheet HTML 47Page - Microchip Technology CAP1188 Datasheet HTML 48Page - Microchip Technology CAP1188 Datasheet HTML 49Page - Microchip Technology CAP1188 Datasheet HTML 50Page - Microchip Technology CAP1188 Datasheet HTML 51Page - Microchip Technology CAP1188 Datasheet HTML 52Page - Microchip Technology CAP1188 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001620C-page 49
CAP1188
Bit 3-2 - STBY SAMP_TIME[1:0] - Determines the time to take a single sample when the device is in Standby as shown
in Table 6-38.
Bits 1 - 0 - STBY_CY_TIME[2:0] - Determines the overall cycle time for all measured channels during standby operation
as shown in Table 6-39. All measured channels are sampled at the beginning of the cycle time. If additional time is
remaining, the device is placed into a lower power state for the remaining duration of the cycle.
APPLICATION NOTE:
The programmed cycle time is only maintained if the total averaging time for all samples is
less than the programmed cycle. The STBY_AVG[2:0] bits will take priority so that if more
samples are required than would normally be allowed during the cycle time, the cycle time
will be extended as necessary to accommodate the number of samples to be measured.
6.22
Standby Sensitivity Register
The Standby Sensitivity register controls the sensitivity for sensor inputs that are active in Standby.
Bits 2 - 0 - STBY_SENSE[2:0] - Controls the sensitivity for sensor inputs that are active in Standby. The sensitivity set-
tings act to scale the relative delta count value higher or lower based on the system parameters. A setting of 000b is the
most sensitive while a setting of 111b is the least sensitive. At the more sensitive settings, touches are detected for a
smaller delta C corresponding to a “lighter” touch. These settings are more sensitive to noise however and a noisy envi-
ronment may flag more false touches than higher sensitivity levels.
APPLICATION NOTE:
A value of 128x is the most sensitive setting available. At the most sensitivity settings, the
MSB of the Delta Count register represents 64 out of ~25,000 which corresponds to a touch
10
1
32
11
0
64
1
1
1
128
TABLE 6-38:
STBY_SAMP_TIME BIT DECODE
STBY_SAMP_TIME[1:0]
Sampling Time
10
0
0
320us
0
1
640us
1
0
1.28ms (default)
1
1
2.56ms
TABLE 6-39:
STBY_CY_TIME BIT DECODE
STBY_CY_TIME[1:0]
Overall Cycle Time
10
0
0
35ms
0
1
70ms (default)
1
0
105ms
1
1
140ms
TABLE 6-40:
STANDBY SENSITIVITY REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
42h
R/W
Standby Sensitiv-
ity
-
-
-
-
-
STBY_SENSE[2:0]
02h
TABLE 6-37:
STBY_AVG BIT DECODE (CONTINUED)
STBY_AVG[2:0]
Number of Samples Taken per
Measurement
21
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com