Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1188 Datasheet(PDF) 13 Page - Microchip Technology

Part # CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Datasheet(HTML) 13 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 9Page - Microchip Technology CAP1188 Datasheet HTML 10Page - Microchip Technology CAP1188 Datasheet HTML 11Page - Microchip Technology CAP1188 Datasheet HTML 12Page - Microchip Technology CAP1188 Datasheet HTML 13Page - Microchip Technology CAP1188 Datasheet HTML 14Page - Microchip Technology CAP1188 Datasheet HTML 15Page - Microchip Technology CAP1188 Datasheet HTML 16Page - Microchip Technology CAP1188 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001620C-page 13
CAP1188
4.2.1
SMBUS START BIT
The SMBus Start bit is defined as a transition of the SMBus Data line from a logic ‘1’ state to a logic ‘0’ state while the
SMBus Clock line is in a logic ‘1’ state.
4.2.2
SMBUS ADDRESS AND RD / WR BIT
The SMBus Address Byte consists of the 7-bit slave address followed by the RD / WR indicator bit. If this RD / WR bit
is a logic ‘0’, then the SMBus Host is writing data to the slave device. If this RD / WR bit is a logic ‘1’, then the SMBus
Host is reading data from the slave device.
See Table 4-1 for available SMBus addresses.
4.2.3
SMBUS DATA BYTES
All SMBus Data bytes are sent most significant bit first and composed of 8-bits of information.
4.2.4
SMBUS ACK AND NACK BITS
The SMBus slave will acknowledge all data bytes that it receives. This is done by the slave device pulling the SMBus
Data line low after the 8th bit of each byte that is transmitted. This applies to both the Write Byte and Block Write proto-
cols.
The Host will NACK (not acknowledge) the last data byte to be received from the slave by holding the SMBus data line
high after the 8th data bit has been sent. For the Block Read protocol, the Host will ACK each data byte that it receives
except the last data byte.
4.2.5
SMBUS STOP BIT
The SMBus Stop bit is defined as a transition of the SMBus Data line from a logic ‘0’ state to a logic ‘1’ state while the
SMBus clock line is in a logic ‘1’ state. When the CAP1188 detects an SMBus Stop bit and it has been communicating
with the SMBus protocol, it will reset its slave interface and prepare to receive further communications.
4.2.6
SMBUS TIMEOUT
The CAP1188 includes an SMBus timeout feature. Following a 30ms period of inactivity on the SMBus where the
SMCLK pin is held low, the device will timeout and reset the SMBus interface.
The timeout function defaults to disabled. It can be enabled by setting the TIMEOUT bit in the Configuration register
(see Section 6.6, "Configuration Registers").
4.2.7
SMBUS AND I2C COMPATIBILITY
The major differences between SMBus and I2C devices are highlighted here. For more information, refer to the SMBus
2.0 and I2C specifications. For information on using the CAP1188 in an I2C system, refer to SMSC AN 14.0 SMSC Ded-
icated Slave Devices in I2C Systems.
FIGURE 4-1:
SMBus Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com