Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7500 Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN7500
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500 Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN7500 Datasheet HTML 17Page - Microchip Technology LAN7500 Datasheet HTML 18Page - Microchip Technology LAN7500 Datasheet HTML 19Page - Microchip Technology LAN7500 Datasheet HTML 20Page - Microchip Technology LAN7500 Datasheet HTML 21Page - Microchip Technology LAN7500 Datasheet HTML 22Page - Microchip Technology LAN7500 Datasheet HTML 23Page - Microchip Technology LAN7500 Datasheet HTML 24Page - Microchip Technology LAN7500 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001734A-page 21
Table 3.2 describes the Configuration Flags 0 byte. If a configuration descriptor exists in the EEPROM,
it will override the values in Configuration Flags 0.
Table 3.2 Configuration Flags 0
BITS
DESCRIPTION
7
Port Swap
This bit facilitates swapping the mapping of USBDP and USBDM.
0 = USBDP maps to the USB D+ line and USBDM maps to the USB D- line.
1 = USBDP maps to the USB D- line. USBDM maps to the USB D+ line.
6:5
PHY Boost
This field provides the ability to boost the electrical drive strength of the HS output current to the
upstream port.
00 = Normal electrical drive strength.
01 = Elevated electrical drive strength (+4% boost).
10 = Elevated electrical drive strength (+8% boost).
11 = Elevated electrical drive strength (+12% boost).
4
Duplex Detection
This bit determines whether duplex operational mode is detected automatically or manually set.
0 = Manual
1 = Automatic
3
Speed Detection
This bit determines whether operational speed is detected automatically or manually set.
0 = Manual
1 = Automatic
2
SPD_LED_FUNCTION
This bit specifies the functionality of speed LEDs (LED0 and LED1). The Speed LEDs’ behavior is
determined by line speed and the setting of this bit, as indicated in following table:
When SPD_LED_FUNCTION = 0, the LEDs function solely as Link and Speed LEDs. When
SPD_LED_FUNCTION = 1, the LEDs function as Link and Speed and Activity LEDs. In those cases,
the table entry “Blink” indicates the LED will remain on when no transmit or receive activity is detected
and will blink at an 80 mS rate whenever TX or RX activity is detected.
Note:
GPIOEN[1:0] in Configuration Flags 1 must be set in order to properly control speed LED
operation. If only one of the bits is set, then untoward operation and unexpected results may
occur. If both bits are clear, then SPD_LED_FUNCTION is ignored.
SPD_LED_FUNCTION
SPEED (Mbps)
LED0
LED1
0
No Link
Off
Off
0
10
On
Off
0
100
Off
On
0
1000
On
On
1
No Link
Off
Off
1
10
Blink
Off
1
100
Off
Blink
1
1000
Blink
Blink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com