Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7500 Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN7500
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500 Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN7500 Datasheet HTML 35Page - Microchip Technology LAN7500 Datasheet HTML 36Page - Microchip Technology LAN7500 Datasheet HTML 37Page - Microchip Technology LAN7500 Datasheet HTML 38Page - Microchip Technology LAN7500 Datasheet HTML 39Page - Microchip Technology LAN7500 Datasheet HTML 40Page - Microchip Technology LAN7500 Datasheet HTML 41Page - Microchip Technology LAN7500 Datasheet HTML 42Page - Microchip Technology LAN7500 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001734A-page 39
7.2
Operating Conditions**
Supply Voltage (VDDVARIO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+2.25V to +3.6V
Supply Voltage (VDD12A). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+1.14V to +1.26V
Analog USB Supply Voltage (VDD33A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+3.0V to +3.6V
Digital Core Supply Voltage (VDD12CORE) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+1.14V to +1.26V
Ethernet Magnetics Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+2.25V to +3.6V
Ambient Operating Temperature in Still Air (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 7.4
**Proper operation of the device is guaranteed only within the ranges specified in this section. After
the device has completed power-up, VDDVARIO and the magnetics power supply must maintain their
voltage level with +/-10%. Varying the voltage greater than +/-10% after the device has completed
power-up can cause errors in device operation.
7.3
Power Consumption
This section details the power consumption of the device as measured during various modes of
operation. For each mode of operation, two tables are provided: one for operation of VDDVARIO (and
magnetics) at 2.5V, and the other for operation of VDDVARIO (and magnetics) at 3.3V. Power
consumption values are provided for both the device-only, and for the device plus Ethernet
components. Power dissipation is determined by temperature, supply voltage, and external source/sink
requirements.
7.3.1
SUSPEND0
7.3.1.1
VDDVARIO & Magnetics = 2.5V
Table 7.1 SUSPEND0 Current & Power (VDDVARIO & Magnetics = 2.5V)
PARAMETER
MIN
TYPICAL
MAX
UNIT
Supply current (VDD33A = 3.3V)
0.4
mA
Supply current (VDDVARIO = 2.5V)
3.1
mA
Supply current (VDD12CORE, VDD12BIAS, VDD12USBPLL,
VDD12PLL, VDD12A = 1.2V)
453
mA
Power Dissipation (Device Only)
553
mW
Power Dissipation (Device and Ethernet components)
1047
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com