Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8820 Datasheet(PDF) 49 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 49 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 45Page - Microchip Technology LAN8820 Datasheet HTML 46Page - Microchip Technology LAN8820 Datasheet HTML 47Page - Microchip Technology LAN8820 Datasheet HTML 48Page - Microchip Technology LAN8820 Datasheet HTML 49Page - Microchip Technology LAN8820 Datasheet HTML 50Page - Microchip Technology LAN8820 Datasheet HTML 51Page - Microchip Technology LAN8820 Datasheet HTML 52Page - Microchip Technology LAN8820 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 49
LAN8820/LAN8820I
4.2.19
CONTROL / STATUS INDICATIONS REGISTER
Note 4-8
The default is determined by the RGMII_ID_MODE configuration strap. When RGMII_ID_MODE is
latched high, bits 8 and 9 are “1”. When RGMII_ID_MODE is latched low, bits 8 and 9 are “0”. Refer
to Section 3.3, "RGMII Interface," on page 18 and Section 3.8.1.1, "Configuration Straps," on page 24
for additional information.
4.2.20
INTERRUPT SOURCE FLAGS REGISTER
Index (In Decimal): 27
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
-
9
RGMII PHY TXC Delay Enable
Configures the RGMII PHY TXC delay mode:
0 = RGMII PHY TXC delay mode disabled
1 = RGMII PHY TXC delay mode enabled
R/W
NASR
Note 4-8
8
RGMII PHY RXC Delay Enable
Configures the RGMII PHY RXC delay mode:
0 = RGMII PHY RXC delay mode disabled
1 = RGMII PHY RXC delay mode enabled
R/W
NASR
Note 4-8
7:5
RESERVED
RO
-
4
XPOL
Polarity state of the 10BASE-T:
0 = Normal polarity
1 = Reversed polarity
RO
0b
3:0
RESERVED
RO
-
Index (In Decimal): 29
Size:
16 bits
Bits
Description
Type
Default
15:11
RESERVED
RO
-
10
INT10
0 = Not source of interrupt
1 = Transmitter Elastic Buffer Overflow
LH/WC
0b
9
INT9
0 = Not source of interrupt
1 = Transmitter Elastic Buffer Underflow
LH/WC
0b
8
INT8
0 = Not source of interrupt
1 = Idle Error Count Overflow
LH/WC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com