Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8820 Datasheet(PDF) 7 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 7 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 3Page - Microchip Technology LAN8820 Datasheet HTML 4Page - Microchip Technology LAN8820 Datasheet HTML 5Page - Microchip Technology LAN8820 Datasheet HTML 6Page - Microchip Technology LAN8820 Datasheet HTML 7Page - Microchip Technology LAN8820 Datasheet HTML 8Page - Microchip Technology LAN8820 Datasheet HTML 9Page - Microchip Technology LAN8820 Datasheet HTML 10Page - Microchip Technology LAN8820 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 7
LAN8820/LAN8820I
TABLE 2-2:
SERIAL MANAGEMENT INTERFACE (SMI) PINS
Num
Pins
Name
Symbols
Buffer
Type
Description
1
SMI Clock
MDC
IS
(PD)
Serial Management Interface clock.
1
SMI Data Input/
Output
MDIO
IS/O8
(PU)
Serial Management Interface data input/output.
TABLE 2-3:
LED & CONFIGURATION PINS
Num
Pins
Name
Symbols
Buffer
Type
Description
1
10BASE-T Link
LED Indicator
10_LED
O8
10BASE-T LED link indication. Refer to Section
3.9.1, "LEDs," on page 27 for additional
information.
1
100BASE-TX
Link LED
Indicator
100_LED
O8
100BASE-TX LED link indication. Refer to Section
3.9.1, "LEDs," on page 27 for additional
information.
Hardware
Power Down
(HPD) Mode
Configuration
Strap
HPD_MODE
IS
(PD)
This configuration strap is used to select the
Hardware Power Down (HPD) mode. When pulled-
up, the PLL is not disabled when HPD is asserted.
When pulled-down, the PLL is disabled when HPD
is asserted.
Refer to Section 3.7.3, "Hardware Power-Down,"
on page 23 for additional information.
See Note 2-2 for more information on configuration
straps.
1
1000BASE-T
Link LED
Indicator
1000_LED
O8
1000BASE-T LED link indication. Refer to Section
3.9.1, "LEDs," on page 27 for additional
information.
RGMII ID Mode
Enable
Configuration
Strap
RGMII_ID_MODE
IS
(PD)
This configuration strap is used to configure the
RGMII PHY TXC/RXC delay enable bit defaults.
When pulled-up, the RGMII PHY TXC/RXC delays
are enabled by default. When pulled-down, the
RGMII PHY TXC/RXC delays are disabled be
default.
Refer to Section 3.3, "RGMII Interface," on page 18
for more information. See Note 2-2 for more
information on configuration straps.
1
Configuration
Input 0
CONFIG0
IS
(PD)
This pin sets the PHYADD[1:0] bits of the 10/100
Special Modes Register on reset or power-up. It
must be connected to VSS, 100_LED, 1000_LED,
or VDD25IO. Refer to Section 3.8.1.2,
"CONFIG[3:0] Configuration Pins," on page 24 for
additional information.
1
Configuration
Input 1
CONFIG1
IS
(PD)
This pin sets the PAUSE bit of the Auto Negotiation
Advertisement Register and PHYADD [2] bit of the
10/100 Special Modes Register on reset or power-
up. It must be connected to VSS, 100_LED,
1000_LED, or VDD25IO. Refer to Section 3.8.1.2,
"CONFIG[3:0] Configuration Pins," on page 24 for
additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com