Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP76 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSP76
Description  Smart Lowside Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP76 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSP76 Datasheet HTML 1Page - Infineon Technologies AG BSP76 Datasheet HTML 2Page - Infineon Technologies AG BSP76 Datasheet HTML 3Page - Infineon Technologies AG BSP76 Datasheet HTML 4Page - Infineon Technologies AG BSP76 Datasheet HTML 5Page - Infineon Technologies AG BSP76 Datasheet HTML 6Page - Infineon Technologies AG BSP76 Datasheet HTML 7Page - Infineon Technologies AG BSP76 Datasheet HTML 8Page - Infineon Technologies AG BSP76 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2004-03-05
Page 4
BSP 76
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj = 25°C, unless otherwise specified
min.
typ.
max.
Dynamic Characteristics
Turn-on time
VIN to 90% ID:
RL = 4.7 W, VIN = 0 to 10 V, Vbb = 12 V
ton
-
45
100
µs
Turn-off time
VIN to 10% ID:
RL = 4.7 W, VIN = 10 to 0 V, Vbb = 12 V
toff
-
60
100
Slew rate on
70 to 50% Vbb:
RL = 4.7 W, VIN = 0 to 10 V, Vbb = 12 V
-dVDS/dton
-
0.4
1.5
V/µs
Slew rate off
50 to 70% Vbb:
RL = 4.7 W, VIN = 10 to 0 V, Vbb = 12 V
dVDS/dtoff
-
0.6
1.5
Protection Functions1)
Thermal overload trip temperature
Tjt
150
175
-
°C
Thermal hysteresis 2)
DTjt
-
10
-
K
Input current protection mode
Tj = 150 °C
IIN(Prot)
-
40
300
µA
Unclamped single pulse inductive energy 2)
ID = 1.4 A, Tj = 25 °C, Vbb = 12 V
EAS
150
-
-
mJ
Inverse Diode
Inverse diode forward voltage
IF = 7 A, tm = 250 µs, VIN = 0 V,
tP = 300 µs
VSD
-
1
1.5
V
1Integrated protection functions are designed to prevent IC destruction under fault conditions
described in the data sheet. Fault conditions are considered as "outside" normal operating range.
Protection functions are not designed for continuous repetitive operation.
2not subject to production test, specified by design



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com