Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP76 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSP76
Description  Smart Lowside Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP76 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSP76 Datasheet HTML 1Page - Infineon Technologies AG BSP76 Datasheet HTML 2Page - Infineon Technologies AG BSP76 Datasheet HTML 3Page - Infineon Technologies AG BSP76 Datasheet HTML 4Page - Infineon Technologies AG BSP76 Datasheet HTML 5Page - Infineon Technologies AG BSP76 Datasheet HTML 6Page - Infineon Technologies AG BSP76 Datasheet HTML 7Page - Infineon Technologies AG BSP76 Datasheet HTML 8Page - Infineon Technologies AG BSP76 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2004-03-05
Page 3
BSP 76
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj = 25°C, unless otherwise specified
min.
typ.
max.
Characteristics
Drain source clamp voltage
Tj = - 40 ...+ 150, ID = 10 mA
VDS(AZ)
42
-
55
V
Off-state drain current
Tj = -40...+85 °C, Vbb = 32 V, VIN = 0 V
Tj = 150 °C
IDSS
-
-
1.5
4
8
10
µA
Input threshold voltage
ID = 0.3 mA, Tj = 25 °C
ID = 0.3 mA, Tj = 150 °C
VIN(th)
1.3
0.8
1.7
-
2.2
-
V
On state input current
IIN(on)
-
10
30
µA
On-state resistance
VIN = 5 V, ID = 1.4 A, Tj = 25 °C
VIN = 5 V, ID = 1.4 A, Tj = 150 °C
RDS(on)
-
-
190
350
240
480
m
W
On-state resistance
VIN = 10 V, ID = 1.4 A, Tj = 25 °C
VIN = 10 V, ID = 1.4 A, Tj = 150 °C
RDS(on)
-
-
150
280
200
400
Nominal load current 5)
VDS = 0.5 V, Tj < 150°C, VIN = 10 V, TA = 85 °C
ID(Nom)
1.4
1.8
-
A
Current limit (active if VDS>2.5 V)1)
VIN = 10 V, VDS = 12 V, tm = 200 µs
ID(lim)
5
7.5
10
1Device switched on into existing short circuit (see diagram Determination of ID(lim)). If the device is in on condition
and a short circuit occurs, these values might be exceeded for max. 50 µs.
5not subject to production test, calculated by RthJA and Rds(on)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com