Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 31 Page - Microchip Technology

Part # LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Datasheet(HTML) 31 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 27Page - Microchip Technology LAN9500AI Datasheet HTML 28Page - Microchip Technology LAN9500AI Datasheet HTML 29Page - Microchip Technology LAN9500AI Datasheet HTML 30Page - Microchip Technology LAN9500AI Datasheet HTML 31Page - Microchip Technology LAN9500AI Datasheet HTML 32Page - Microchip Technology LAN9500AI Datasheet HTML 33Page - Microchip Technology LAN9500AI Datasheet HTML 34Page - Microchip Technology LAN9500AI Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 31
LAN950x
5.3.1.6
USB Descriptors
The following subsections describe the USB descriptors.
5.3.1.6.1
Device Descriptor
The Device Descriptors are initialized based on values stored in EEPROM. Table 5-4 shows the default Device Descrip-
tor values. These values are used for both Full-Speed and Hi-Speed operation.
Note 5-1
The descriptor length and descriptor type for Device Descriptors specified in EEPROM are “don’t
cares” and are always overwritten by hardware as 0x12 and 0x01, respectively.
Note 5-2
Value is loaded from EEPROM, but must be equal to the Default Value in order to comply with the
USB 2.0 Specification and provide for normal device operation. Specification of any other value will
result in unwanted behavior and untoward operation.
Note 5-3
Product IDs are:
Note 5-4
Default value is dependent on device release. MSB matches the device release and LSB hardcoded
to 00h. The initial release value is 01h.
TABLE 5-4:
DEVICE DESCRIPTOR
Offset
Field
Size
(Bytes)
Default
Value
Loaded
from
EEPROM
Description
00h
bLength
1
12h
Note 5-1
Size of the Descriptor in Bytes (18
bytes)
01h
bDescriptorType
1
01h
Note 5-1
Device Descriptor (0x01)
02h
bcdUSB
2
0200h
Note 5-2
USB Specification Number which
device complies to.
04h
bDeviceClass
1
FFh
Yes
Class Code
05h
bDeviceSubClass
1
00h
Yes
Subclass Code
06h
bDeviceProtocol
1
FFh
Yes
Protocol Code
07h
bMaxPacketSize
1
40h
Note 5-2
Maximum Packet Size for Endpoint 0
08h
IdVendor
2
0424h
Yes
Vendor ID
0Ah
IdProduct
2
Note 5-3
Yes
Product ID
0Ch
bcdDevice
2
Note 5-4
Yes
Device Release Number
0Eh
iManufacturer
1
00h
Yes
Index of Manufacturer String Descriptor
0Fh
iProduct
1
00h
Yes
Index of Product String Descriptor
10h
iSerialNumber
1
00h
Yes
Index of Serial Number String
Descriptor
11h
bNumConfigurations
1
01h
Note 5-2
Number of Possible Configurations
Product
ID
LAN9500/LAN9500i
9500h
LAN9500A/LAN9500Ai
9E00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com