Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 96 Page - Microchip Technology

Part # LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Datasheet(HTML) 96 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 92Page - Microchip Technology LAN9500AI Datasheet HTML 93Page - Microchip Technology LAN9500AI Datasheet HTML 94Page - Microchip Technology LAN9500AI Datasheet HTML 95Page - Microchip Technology LAN9500AI Datasheet HTML 96Page - Microchip Technology LAN9500AI Datasheet HTML 97Page - Microchip Technology LAN9500AI Datasheet HTML 98Page - Microchip Technology LAN9500AI Datasheet HTML 99Page - Microchip Technology LAN9500AI Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 213 page
background image
LAN950x
DS00001875A-page 96
 2010 - 2015 Microchip Technology Inc.
5.8.4
ENABLE DESCRIPTOR RAM AND FLAG ATTRIBUTE REGISTERS AS SOURCE
The EEPROM Emulation Enable (EEM) bit of the Hardware Configuration Register (HW_CFG) must be configured by
the software device driver to use the Descriptor RAM and the Attribute Registers for custom operation. Upon assertion
of EEPROM Emulation Enable (EEM), the hardware will utilize the Descriptor information contained in the Descriptor
RAM, the Attributes Registers, and the values of the items listed in Section 5.8.1 to facilitate custom operation.
5.8.5
INHIBIT RESET OF SELECT SCSR ELEMENTS
The software device driver must take care to ensure that the contents of the Descriptor RAM and SCSR register content
critical to custom operation using Descriptor RAM are preserved across reset operations other than POR. The driver
must configure the Reset Protection (RST_PROTECT) bit of the Hardware Configuration Register (HW_CFG) in order
to accomplish this.
The following registers have contents that can be preserved across all resets other than POR. Consult the register’s
description for additional details.
• Descriptor RAM
• Attribute Registers
FIGURE 5-28:
DESCRIPTOR RAM EXAMPLE
Language ID Descriptor
Manufacturing String Descriptor
Product Name String Descriptor
Serial Number String Descriptor
Configuration String Descriptor
Interface String Descriptor
HS Device Descriptor
HS Configuration and Interface Descriptor
FS Device Descriptor
FS Configuration and Interface Descriptor
0
1
2
3
4
5
6
7
8
9
0A
0B
0C
0D
0E
0F
10
11
12
13
14
15
16
17
18
19
1A
1B
1C
1D
1E
DATAPORT
ADDR
= Unused Space Required For Alignment Purposes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com