Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 105 Page - Microchip Technology

Part # LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Datasheet(HTML) 105 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 101Page - Microchip Technology LAN9500AI Datasheet HTML 102Page - Microchip Technology LAN9500AI Datasheet HTML 103Page - Microchip Technology LAN9500AI Datasheet HTML 104Page - Microchip Technology LAN9500AI Datasheet HTML 105Page - Microchip Technology LAN9500AI Datasheet HTML 106Page - Microchip Technology LAN9500AI Datasheet HTML 107Page - Microchip Technology LAN9500AI Datasheet HTML 108Page - Microchip Technology LAN9500AI Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 105
LAN950x
5.12.1.3
Remote Wake Generation
5.12.1.3.1
Wake On LAN Event or Energy DetecT
bit Control bits (Note 5-6) are implemented in the MAC’s Wakeup Control and Status Register (WUCSR) to control
Global Unicast Frame Wakeup, Magic Packet Wakeup, Wake Up Frame Detection Wakeup, Perfect DA Frame Wakeup,
and Broadcast Frame Wakeup: GUEN, MPEN, WUEN, PFDA_EN, and BCAST_EN, respectively. A composite signal,
depending on the state of these control bits and the associated event, is generated and propagated for further process-
ing, as discussed in the following text.
Note 5-6
(LAN9500A/LAN9500Ai ONLY):
The five specified control bits are supported.
(LAN9500/LAN9500i ONLY):
Only three control bits are supported - GUEN, MPEN, WUEN.
Two control bits are implemented in the PMT_CTRL SCSR: Wake-on-LAN enable (WOL_EN) and Energy Detect enable
(ED_EN). Depending on the state of these control bits, the logic will generate an internal wake event interrupt when the
MAC detects a wakeup event (Global Unicast Frame, Wakeup Frame, Magic Packet, Perfect Destination Address
Frame (Note 5-7), or Broadcast Frame (Note 5-7) - depending on the state of the aforementioned composite signal), or
a PHY interrupt is asserted (energy detect). Two Wakeup Status (WUPS) bits are implemented in the SCSR space.
These bits are set depending on the corresponding wake event. (See Section 7.3.8, "Power Management Control Reg-
ister (PMT_CTL)," on page 127 for further information). If a Wake-on-LAN event is detected, then further resolution on
the source of the event can be obtained by examining the Remote Wakeup Frame Received (WUFR), Magic Packet
Received (MPR), Perfect DA Frame Received (PFDA_FR) (Note 5-7), and Broadcast Frame Received (BCAST_FR)
(Note 5-7) status bits in the MAC’s Wakeup Control and Status Register (WUCSR).
Note:
The IME bit is in the Hardware Configuration Register (HW_CFG). General Purpose IO Configuration Reg-
ister (GPIO_CFG) and General Purpose IO Wake Enable and Polarity Register (GPIO_WAKE) must be set
accordingly. PHY Link Up Enable (PHY_LINKUP_EN) bit of the General Purpose IO Wake Enable and
Polarity Register (GPIO_WAKE) must be set if PHY Link Up is to cause wake event. Diagram does not
represent actual hardware implementation.
FIGURE 5-36:
DETAILED GPIOS 8-10 WAKE DETECTION LOGIC (LAN9500A/LAN9500AI)
Note:
The IME bit is in the Hardware Configuration Register (HW_CFG). LED General Purpose IO Configuration
Register (LED_GPIO_CFG) and General Purpose IO Wake Enable and Polarity Register (GPIO_WAKE)
must be set accordingly. Diagram does not represent actual hardware implementation.
GPIOn_INT clear
GPIOn
GPIOPOLn
Latch
GPDIRn
GPDn
GPCTLn[0]
GPIOWKn
GPIOn_DET
IME
GPCTLn[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com