Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 117 Page - Microchip Technology

Part # LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Datasheet(HTML) 117 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 113Page - Microchip Technology LAN9500AI Datasheet HTML 114Page - Microchip Technology LAN9500AI Datasheet HTML 115Page - Microchip Technology LAN9500AI Datasheet HTML 116Page - Microchip Technology LAN9500AI Datasheet HTML 117Page - Microchip Technology LAN9500AI Datasheet HTML 118Page - Microchip Technology LAN9500AI Datasheet HTML 119Page - Microchip Technology LAN9500AI Datasheet HTML 120Page - Microchip Technology LAN9500AI Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 117
LAN950x
7.3
System Control and Status Registers
Note 7-1
Featured in LAN9500A/LAN9500Ai to support custom operation without EEPROM. RESERVED in
LAN9500/LAN9500i.
TABLE 7-3:
LAN950X DEVICE CONTROL AND STATUS REGISTER MAP
Address
Symbol
Register Name
000h
ID_REV
Device ID and Revision Register
004h
RESERVED
Reserved for future expansion
008h
INT_STS
Interrupt Status Register
00Ch
RX_CFG
Receive Configuration Register
010h
TX_CFG
Transmit Configuration Register
014h
HW_CFG
Hardware Configuration Register
018h
RX_FIFO_INF
Receive FIFO Information Register
01Ch
TX_FIFO_INF
Transmit FIFO Information Register
020h
PMT_CTL
Power Management Control Register
024h
LED_GPIO_CFG
LED General Purpose IO Configuration Register
028h
GPIO_CFG
General Purpose IO Configuration Register
02Ch
AFC_CFG
Automatic Flow Control Configuration Register
030h
E2P_CMD
EEPROM Command Register
034h
E2P_DATA
EEPROM Data Register
038h
BURST_CAP
Burst Cap Register
03Ch
RESERVED
Reserved for future expansion
040h
DP_SEL
Data Port Select Register
044h
DP_CMD
Data Port Command Register
048h
DP_ADDR
Data Port Address Register
04Ch
DP_DATA0
Data Port Data 0 Register
050h
DP_DATA1
Data Port Data 1 Register
054h – 060h
RESERVED
Reserved for future expansion
064h
GPIO_WAKE
General Purpose IO Wake Enable and Polarity Register
068h
INT_EP_CTL
Interrupt Endpoint Control Register
06Ch
BULK_IN_DLY
Bulk In Delay Register
070h
DBG_RX_FIFO_LVL
Receive FIFO Level Debug Register
074h
DBG_RX_FIFO_PTR
Receive FIFO Pointer Debug Register
078h
DBG_TX_FIFO_LVL
Transmit FIFO Level Debug Register
07Ch
DBG_TX_FIFO_PTR
Transmit FIFO Pointer Debug Register
080h – 09Fh
RESERVED
Reserved for future expansion
0A0h Note 7-1
HS_ATTR
HS Descriptor Attributes Register
0A4h Note 7-1
FS_ATTR
FS Descriptor Attributes Register
0A8h Note 7-1
STRNG_ATTR0
String Descriptor Attributes Register 0
0ACh Note 7-1
STRNG_ATTR1
String Descriptor Attributes Register 1
0B0h Note 7-1
FLAG_ATTR
Flag Attributes Register
0B4h – 0FFh
RESERVED
Reserved for future expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com