Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 143 Page - Microchip Technology

Part # LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Datasheet(HTML) 143 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 139Page - Microchip Technology LAN9500AI Datasheet HTML 140Page - Microchip Technology LAN9500AI Datasheet HTML 141Page - Microchip Technology LAN9500AI Datasheet HTML 142Page - Microchip Technology LAN9500AI Datasheet HTML 143Page - Microchip Technology LAN9500AI Datasheet HTML 144Page - Microchip Technology LAN9500AI Datasheet HTML 145Page - Microchip Technology LAN9500AI Datasheet HTML 146Page - Microchip Technology LAN9500AI Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 143
LAN950x
7.3.17
DATA PORT ADDRESS REGISTER (DP_ADDR)
Indicates the address to be used for the data port access.
Address:
048h
Size:
32 bits
Bits
Description
Type
Default
31:15
RESERVED
RO
-
14:0
Data Port Address[14:0]
Note:
This quantity specifies a DWORD address.
R/W
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com