Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 158 Page - Microchip Technology

Part # LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Datasheet(HTML) 158 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 154Page - Microchip Technology LAN9500AI Datasheet HTML 155Page - Microchip Technology LAN9500AI Datasheet HTML 156Page - Microchip Technology LAN9500AI Datasheet HTML 157Page - Microchip Technology LAN9500AI Datasheet HTML 158Page - Microchip Technology LAN9500AI Datasheet HTML 159Page - Microchip Technology LAN9500AI Datasheet HTML 160Page - Microchip Technology LAN9500AI Datasheet HTML 161Page - Microchip Technology LAN9500AI Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 213 page
background image
LAN950x
DS00001875A-page 158
 2010 - 2015 Microchip Technology Inc.
7.4
MAC Control and Status Registers
Table 7-4 lists the registers contained in this section.
TABLE 7-4:
MAC CONTROL AND STATUS REGISTER (MCSR) MAP
Address
Symbol
Register Name
100h
MAC_CR
MAC Control Register
104h
ADDRH
MAC Address High Register
108h
ADDRL
MAC Address Low Register
10Ch
HASHH
Multicast Hash Table High Register
110h
HASHL
Multicast Hash Table Low Register
114h
MII_ACCESS
MII Access Register
118h
MII_DATA
MII Data Register
11Ch
FLOW
Flow Control Register
120h
VLAN1
VLAN1 Tag Register
124h
VLAN2
VLAN2 Tag Register
128h
WUFF
Wakeup Frame Filter Register
12Ch
WUCSR
Wakeup Control and Status Register
130h
COE_CR
Checksum Offload Engine Control Register
134h - 1FCh
RESERVED
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com